Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC125AG-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC125AG-S14-R
Description  QUADRUPLE BUS BUFFER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC125AG-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC125AG-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC125AG-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC125AG-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC125AG-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC125AG-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC125A
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-182.D
QUADRUPLE BUS BUFFER
GATE WITH 3-STATE OUTPUTS
DESCRIPTION
The U74LVC125A consists of four bus buffers with 3-state output
controlled by enable input ( ΟΕ ), when ΟΕ is high, the output is
disable.
Inputs can be driven from either 3.3V or 5V devices, so the
device can be used in a mix 3.3V/5V system.
FEATURES
* Operation Voltage Range: 1.65~3.6V
* Low Power Dissipation
* Input Accept Voltage to 5.5V
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC125AG-S14-R
SOP-14
Tape Reel
U74LVC125AG-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74LVC125AG-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC125AG-S14-R UTC-U74LVC125AG-S14-R Datasheet
197Kb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
U74LVC125AG-S14-R UTC-U74LVC125AG-S14-R Datasheet
246Kb / 5P
QUADRUPLE BUS BUFFER GATE
More results

Similar Description - U74LVC125AG-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74F125 TI-SN74F125_07 Datasheet
354Kb / 11P
QUADRUPLE BUS BUFFER GATE
SN74AUC126 TI-SN74AUC126_07 Datasheet
551Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC125A UTC-U74LVC125A_V01 Datasheet
246Kb / 5P
QUADRUPLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com