Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC244L-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC244L-P20-R
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC244L-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC244L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74LVC244L-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC244
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-245.D
OCTAL BUFFER/DRIVER WITH
3-STATE OUTPUTS
DESCRIPTION
The UTC U74LVC244 contains two 4-bit line drivers with
separate output-enable ( OE ) inputs. When OE is low, the
device passes data from the A to the Y. When OE is high, the
outputs are in the high-impedance state.
The UTC U74LVC244 can be used in a mixed 3.3V/5V system
environment.
FEATURES
* Operate From 1.65V to 3.6V
* Input Accept Voltages to 5.5V
* Partial-Power-Down Mode Operation
* Max tpd is 5.9ns at 3.3V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC244L-D20-T
U74LVC244G-D20-T
DIP-20
Tube
U74LVC244L-S20-T
U74LVC244G-S20-T
SOP-20
Tube
U74LVC244L-S20-R
U74LVC244G-S20-R
SOP-20
Tape Reel
U74LVC244L-P20-T
U74LVC244G-P20-T
TSSOP-20
Tube
U74LVC244L-P20-R
U74LVC244G-P20-R
TSSOP-20
Tape Reel
MARKING INFORMATION
PACKAGE
MARKING
DIP-20/SOP-20/TSSOP-20


Similar Part No. - U74LVC244L-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC244L-P20-R UTC-U74LVC244L-P20-R Datasheet
182Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC244L-P20-R UTC-U74LVC244L-P20-R Datasheet
237Kb / 6P
OCTAL BUFFER/DRIVER
More results

Similar Description - U74LVC244L-P20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com