Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC573L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC573L-P20-R
Description  OCTAL TRANSPARENT D-TYPE LATCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC573L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC573L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC573L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC573L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC573L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC573L-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC573
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-275.D
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note1)
MAX
UNIT
Output Voltage High-Level
VOH
VCC=1.65~3.6V, IOH=-100μA
VCC
-0.2
V
VCC=1.65V, IOH=-4mA
1.2
V
VCC=2.3V, IOH=-8mA
1.7
V
VCC=2.7V, IOH=-12mA
2.2
V
VCC=3V, IOH=-12mA
2.4
V
VCC=3V, IOH=-24mA
2.2
V
Output Voltage Low-Level
VOL
VCC=1.65~3.6V, IOL=100μA
0.2
V
VCC=1.65V, IOL=4mA
0.45
V
VCC=2.3V, IOL=8mA
0.7
V
VCC=2.7V, IOL=12mA
0.4
V
VCC=3V, IOL=24mA
0.55
V
Input Leakage Current
II(LEAK)
VCC=3.6V, VIN=0 to 5.5V
±5
 
μA
Power OFF Leakage Current
IOFF
VCC=0V, VIN or VOUT=5.5V
±10
μA
 
Disable Output Leakage Current
IOZ
VCC=3.6V, VOUT=0 to 5.5V
±10
μA
 
Quiescent Supply Current
IQ
VCC=3.6V, VIN=VCC or GND, IOUT=0
10
 
μA
VCC=3.6V, 3.6V≤VIN≤5.5V ,
IOUT=0(Note 2)
10
 
μA
Additional Quiescent Supply
Current
 IQ
VCC=2.7~3.6V
One input at VCC-0.6V
Other inputs at VCC or GND
500
 
μA
Input Capacitance
CI
VCC=3.3V, VIN=VCC or GND
4
pF
Output Capacitance
CO
VCC=3.3V, VOUT=VCC or GND
5.5
pF
Note: 1.
2.
VCC=3.3V, TA=25°C
This applies in the disabled state only.
SWITCHING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
From D to Q
tPLH/tPHL
VCC=2.7V
7.7
ns
VCC=3.3V±0.3V
1.5
6.9
From LE to Q
VCC=2.7V
8.4
VCC=3.3V±0.3V
2
7.7
From OE to Q
tPZL/tPZH
VCC=2.7V
8.5
ns
VCC=3.3V±0.3V
1.5
7.5
From OE to Q
tPLZ/tPHZ
VCC=2.7V
7
ns
VCC=3.3V±0.3V
1.6
6.5
Pulse Width
tW
VCC=2.7V
3.3
ns
VCC=3.3V±0.3V
3.3
Setup Time
tSU
VCC=2.7V
2
ns
VCC=3.3V±0.3V
2
Hold Time
th
VCC=2.7V
2.5
ns
VCC=3.3V±0.3V
2.5
OPERATING CHARACTERISTICS(Ta=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
OE =0, f=10MHz, VCC=3.3V±0.3V
37
pF
OE =1, f=10MHz, VCC=3.3V±0.3V
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com