Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC573G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC573G-P20-R
Description  OCTAL TRANSPARENT D-TYPE LATCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC573G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC573G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC573G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC573G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC573G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC573G-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC573
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-275.D
OCTAL TRANSPARENT D-TYPE
LATCHES WITH 3-STATE
OUTPUTS
DESCRIPTION
The U74LVC573 is a octal transparent D-type latch with 3-state
outputs, and it has 8 channels.
FEATURES
* Operate from 1.65V to 3.6V
* Max tPD of 7.7ns @ 3.3 V
* Typical VOL<0.8V @ VCC=3.3V, TA=25°C
* Typical VOH>2V @ VCC=3.3V, TA=25°C
* Power off disables outputs, permitting live insertion
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC573L-R20-T
U74LVC573G-R20-T
SSOP-20
Tube
U74LVC573L-R20-R
U74LVC573G-R20-R
SSOP-20
Tape Reel
U74LVC573L-P20-T
U74LVC573G-P20-T
TSSOP-20
Tube
U74LVC573L-P20-R
U74LVC573G-P20-R
TSSOP-20
Tape Reel


Similar Part No. - U74LVC573G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC573G-P20-R UTC-U74LVC573G-P20-R Datasheet
237Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC573G-P20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
OCTAL TRANSPARENT D-TYPE LATCHES
SN54HC373 TI-SN54HC373_08 Datasheet
724Kb / 19P
OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74HC573 UTC-U74HC573_15 Datasheet
269Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES
U74LVC373 UTC-U74LVC373_15 Datasheet
226Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES
U74AHCT373 UTC-U74AHCT373_15 Datasheet
234Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373 UTC-U74HCT373_15 Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH
logo
Texas Instruments
CD54HC573 TI1-CD54HC573_16 Datasheet
901Kb / 15P
OCTAL TRANSPARENT D-TYPE LATCHES
CD54HCT373 TI1-CD54HCT373_16 Datasheet
1Mb / 20P
OCTAL TRANSPARENT D-TYPE LATCHES
SN54ALS373A TI1-SN54ALS373A_16 Datasheet
1Mb / 21P
OCTAL TRANSPARENT D-TYPE LATCHES
SN54F373 TI1-SN54F373_16 Datasheet
1Mb / 18P
OCTAL TRANSPARENT D-TYPE LATCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com