Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5246B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMSZ5246B
Description  500 mW Zener Diodes 2.4 to 39 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSZ5246B Datasheet(HTML) 2 Page - Micro Commercial Components

  MMSZ5246B Datasheet HTML 1Page - Micro Commercial Components MMSZ5246B Datasheet HTML 2Page - Micro Commercial Components MMSZ5246B Datasheet HTML 3Page - Micro Commercial Components MMSZ5246B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.mccsemi.com
NOTE:
1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
2. SpecialsAvailable Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body.
4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener
current (IZT or IZK) is superimposed on IZT or IZK.
5. Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine
wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
MMSZ5221B thru MMSZ5259B
MCC
Electrical Characteristics @ 25oC Unless Otherwise Specified
NORMAL
ZENER
VOLTAGE
Vz@ Izt
TEST
CURRENT Izt
MAXIMUM ZENER
IMPEDANCE
‘B’ SUFFIX ONLY
Zzt @ Izt Zzk @ Izk=0.25mA
MAXIMUM REVERSE
LEAKAGE CURRENT
Ir @ Vr
MAXIMUM ZENER
VOLTAGE TEMP
COEFFICIENT ‘B’
SUFFIX ONLY
MCC PART
NUMBER
Marking
VOLTS
mA
OHMS
OHMS
uA
VOLTS
%/
oC
MMSZ5221B
C1
2.4
20
30
1200
100
1.0
-0.085
MMSZ5222B
C2
2.5
20
30
1250
100
1.0
-0.085
MMSZ5223B
C3
2.7
20
30
1300
75
1.0
-0.080
MMSZ5225B
C5
3.0
20
29
1600
50
1.0
-0.075
MMSZ5226B
D1
3.3
20
28
1600
25
1.0
-0.070
MMSZ5227B
D2
3.6
20
24
1700
15
1.0
-0.065
MMSZ5228B
D3
3.9
20
23
1900
10
1.0
-0.060
MMSZ5229B
D4
4.3
20
22
2000
5.0
1.0
±0.055
MMSZ5230B
D5
4.7
20
19
1900
5.0
2.0
±0.030
MMSZ5231B
E1
5.1
20
17
1600
5.0
2.0
±0.030
MMSZ5232B
E2
5.6
20
11
1600
5.0
3.0
+0.038
MMSZ5234B
E4
6.2
20
7.0
1000
5.0
4.0
+0.045
MMSZ5235B
E5
6.8
20
5.0
750
3.0
5.0
+0.050
MMSZ5236B
F1
7.5
20
6.0
500
3.0
6.0
+0.058
MMSZ5237B
F2
8.2
20
8.0
500
3.0
6.5
+0.062
MMSZ5239B
F4
9.1
20
10
600
3.0
7.0
+0.068
MMSZ5240B
F5
10
20
17
600
3.0
8.0
+0.075
MMSZ5241B
H1
11
20
22
600
2.0
8.4
+0.076
MMSZ5242B
H2
12
20
30
600
1.0
9.1
+0.077
MMSZ5243B
H3
13
9.5
13
600
0.5
9.9
+0.079
MMSZ5245B
H5
15
8.5
16
600
0.1
11
+0.082
MMSZ5246B
J1
16
7.8
17
600
0.1
12
+0.083
MMSZ5248B
J3
18
7.0
21
600
0.1
14
+0.085
MMSZ5250B
J5
20
6.2
25
600
0.1
15
+0.086
MMSZ5251B
K1
22
5.6
29
600
0.1
17
+0.087
MMSZ5252B
K2
24
5.2
33
600
0.1
18
+0.088
MMSZ5254B
K4
27
4.6
41
600
0.1
21
+0.090
MMSZ5255B
K5
28
4.5
44
600
0.1
21
+0.091
MMSZ5256B
M1
30
4.2
49
600
0.1
23
+0.091
MMSZ5257B
M2
33
3.8
58
700
0.1
25
+0.092
MMSZ5258B
M3
36
3.4
70
700
0.1
27
+0.093
MMSZ5259B
M4
39
3.2
80
800
0.1
30
+0.094



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com