Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4014BL-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCD4014BL-S16-R
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4014BL-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCD4014BL-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4014BL-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4014BL-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4014BL-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4014BL-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4014BL-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4014BL-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4014BL-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UCD4014B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-606.c
ABSOLUTE MAXIMUM RATING (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 20
V
Input Voltage
VIN
-0.5 ~ VCC + 0.5
V
Output Voltage
VOUT
-0.5 ~ VCC + 0.5
V
Input Clamp Current (VIN<0, or VIN>VCC)
IIK
±10
mA
Power Dissipation
TA=-55°C~+100°C
PD
500
mW
TA=+100°C~+125°C
200
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Supply Voltage
VCC
3
18
V
Clock Pulse Width
tW
VCC = 5V
180
-
ns
VCC = 10V
80
-
VCC = 15V
50
-
Clock Frequency
fCL
VCC = 5V
-
3
MHz
VCC = 10V
-
6
VCC = 15V
-
8.5
Clock Rise and Fall Time
tr, tf
VCC = 5V
-
15
μs
VCC = 10V
-
15
VCC = 15V
-
15
Set-up Time, Serial Input
tS
VCC = 5V
120
-
ns
VCC = 10V
80
-
VCC = 15V
60
-
Set-up Time, Parallel Input
VCC = 5V
80
-
ns
VCC = 10V
50
-
VCC = 15V
40
-
Set-up Time, Parallel/Serial Control
VCC = 5V
180
-
ns
VCC = 10V
80
-
VCC = 15V
60
-
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Quiescent Supply Current
ICC
VIN=0, 5V, VCC=5V
0.04
5
μA
VIN=0, 10V, VCC=10V
0.04
10
VIN=0, 15V, VCC=15V
0.04
20
VIN=0, 20V, VCC=20V
0.08
100
Output Low (Sink) Current
IOL
VOUT=0.4V, VIN=0,5V, VCC=5V
0.51
1
mA
VOUT=0.5V, VIN=0,10V, VCC=10V
1.3
2.6
VOUT=1.5V, VIN=0,15V, VCC=15V
3.4
6.8
Output High (Source) Current
IOH
VOUT=4.6V, VIN=0, 5V, VCC=5V
-0.51
-1
mA
VOUT=2.5V, VIN=0, 5V, VCC=5V
-1.6
-3.2
VOUT= 9.5V, VIN=0,10V, VCC=10V
-1.3
-2.6
VOUT=13.5V, VIN=0,15V, VCC=15V
-3.4
-6.8
Output Voltage: Low-Level
VOL
VIN=0,5V, VCC=5V
0
0.05
V
VIN=0,10V, VCC=10V
0
0.05
VIN=0,15V, VCC=15V
0
0.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com