Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USA555G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # USA555G-S08-R
Description  PRECISION TIMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USA555G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  USA555G-S08-R Datasheet HTML 1Page - Unisonic Technologies USA555G-S08-R Datasheet HTML 2Page - Unisonic Technologies USA555G-S08-R Datasheet HTML 3Page - Unisonic Technologies USA555G-S08-R Datasheet HTML 4Page - Unisonic Technologies USA555G-S08-R Datasheet HTML 5Page - Unisonic Technologies USA555G-S08-R Datasheet HTML 6Page - Unisonic Technologies USA555G-S08-R Datasheet HTML 7Page - Unisonic Technologies USA555G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
USA555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R106-005.C
ABSOLUTE MAXIMUM RATING (over operating free-air temperature range, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 2)
VCC
18
V
Input Voltage
CONT, RESET, THRES, TRIG
VI
VCC
V
Output Current
IO
±225
mA
Operating Virtual Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values are with respect to GND.
RECOMMENDED OPERATING CONDITIONS over operating free-air temperature range (unless
otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
4.5~16
V
Input Voltage
VI
VCC
V
Output Current
IO
±200
mA
Operating Free-Air Temperature
TA
-40~85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Package Thermal Impedance (Note 1, 2)
SOP-8
θJA
97
°C/W
DIP-8
85
°C/W
Notes: 1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation
at any allowable ambient temperature is PD=(TJ(max)-TA)/θJA. Operating at the absolute maximum TJ of
150°C can affect reliability.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
ELECTRICAL CHARACTERISTICS (VCC=5V~15V, TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THRES Voltage Level
VTH
VCC=15V
8.8
10
11.2
V
VCC=5V
2.4
3.3
4.2
V
THRES Current (Note)
ITH
30
250
nA
TRIG Voltage Level
VTRIG
VCC=15V
4.5
5
5.6
V
VCC=5V
1.1
1.67
2.2
V
TRIG Current
ITRIG
TRIG at 0V
0.5
2
µA
RESET Voltage Level
VRESET
0.3
0.7
1
V
RESET Current
IRESET
RESET at VCC
0.1
0.4
mA
RESET at 0V
-0.4
-1.5
mA
DISCH Switch Off-State Current
IDISCH
20
100
nA
CONT Voltage (Open Circuit)
VCONT
VCC=15V
9
10
11
V
VCC=5V
2.6
3.3
4
V
Low-Level Output Voltage
VOL
VCC=15V, IOL=10mA
0.1
0.25
V
VCC=15V, IOL=50mA
0.4
0.75
V
VCC=15V, IOL=100mA
2
2.5
V
VCC=15V, IOL=200mA
2.5
V
VCC=5V, IOL=5mA
0.1
0.35
V
VCC=5V, IOL=8mA
0.15
0.4
V
High-Level Output Voltage
VOH
VCC=15V, IOL=-100mA
12.75
13.3
V
VCC=15V, IOL=-200mA
12.5
V
VCC=5V, IOL=-100mA
2.75
3.3
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com