Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS880 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MS880
Description  8 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MS880 Datasheet(HTML) 1 Page - Micro Commercial Components

  MS880 Datasheet HTML 1Page - Micro Commercial Components MS880 Datasheet HTML 2Page - Micro Commercial Components MS880 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS820
THRU
MS8100
8 Amp Schottky
Barrier Rectifier
20 to 100 Volts
DO-201AD
Features
•
Low Switching Noise
•
Low Forward Voltage Drop
•
High Current Capability
•
High Surge Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MS820
MS820
20V
14V
20V
MS830
MS830
30V
21V
30V
MS835
MS835
35V
24.5V
35V
MS840
MS840
40V
28V
40V
MS845
MS845
45V
31.5V
45V
MS860
MS860
60V
42V
60V
MS8100
MS8100
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
TA = 120
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
MS820-MS860
MS880-MS8100
VF
.62V
.85V
IFM = 8.0A;
TA = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0mA
TA = 25
°C
Typical Junction
Capacitance
CJ
550pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
D
Cathode
Mark
          

50mA
TA = 100
oC
www.mccsemi.com
MS880
MS880
80V
56V
80V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MS880

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS880 MICROSEMI-MS880 Datasheet
94Kb / 2P
8 Amp Schottky Rectifier
logo
Shanghai Lunsure Electr...
MS880 CHENYI-MS880 Datasheet
56Kb / 3P
8Amp schottky barrier rectifier 20to100 volts
More results

Similar Description - MS880

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD820 MCC-SD820 Datasheet
377Kb / 3P
8 Amp Schottky Barrier Rectifier 20 to 100 Volts
SR802 MCC-SR802 Datasheet
485Kb / 3P
8 Amp Schottky Barrier Rectifier 20 - 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
SD820 MCC-SD820_13 Datasheet
394Kb / 3P
8 Amp Schottky Barrier Rectifier 20 to 100 Volts
SR802 MCC-SR802_13 Datasheet
501Kb / 3P
8 Amp Schottky Barrier Rectifier 20 - 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com