Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM3545 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM3545
Description  UNIVERSAL SINK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545 Datasheet(HTML) 2 Page - New Japan Radio

  NJM3545 Datasheet HTML 1Page - New Japan Radio NJM3545 Datasheet HTML 2Page - New Japan Radio NJM3545 Datasheet HTML 3Page - New Japan Radio NJM3545 Datasheet HTML 4Page - New Japan Radio NJM3545 Datasheet HTML 5Page - New Japan Radio NJM3545 Datasheet HTML 6Page - New Japan Radio NJM3545 Datasheet HTML 7Page - New Japan Radio NJM3545 Datasheet HTML 8Page - New Japan Radio NJM3545 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJM3545
Figure 3. Error state vs. output voltage and output current, active
output (2.0
≤ V
IN ≤ VCC), 5 V < VCC < 40 V, - 40°C <TJ < +100°C
Figure 4. Error state vs. output voltage,
inactive output (0 V
≤ V
IN ≤ 0.8 V), 5 V ≤
V
CC ≤ 40 V, - 40°C < TJ < +100°C
Figure 2. Pin description
Overload or short
circuit to V
Error
cc
Undefined area
Undefined area
Normal operation
Short circuit to GND error
V
I
cc
OS
(min 2 A, max 4.5 A)
3.5 V
2.1 V
0.6 V
0.2 V
Output
current
Output
voltage
NJM3545
Active output
I
OMIN
(min 0.5 mA, max 8 mA)
Normal operation
Undefined area
Short circuit to GND Error
Inactive output
100% V
70% V
50% V
0% V
cc
cc
cc
cc
NJM3545
Output
voltage
s PIN CONFIGURATION
s PIN DESCRIPTION
TO-220
Symbol
Description
1
Supply
Supply voltage. Nominally 5 V to 40 V.
2
Output
Output pin. Current flows from supply through the load into the pin. Nominal current is 8 mA to 2 A.
3
GND
Ground supply.
diode are bonded to a separate pin.
4
Error
Error indicating pin. Sinks current to ground if the protection and/or detection circuitry is activated.
Note: the current must be externally limited to 8 mA.
5
Input
TTL compatible input. A LOW input signal turns the output transistor off and a HIGH input turns it on.
1
2
3
4
5
Supply
Output
GND
Error
Input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com