Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4963-2M Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Material Content Data Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4963-2M Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
TLE4963-2M
Issued
24. August 2015
MA#
MA001106126
Package
PG-SOT23-3-15
Weight*
9.78 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
0.220
2.25
2.25
22463
22463
leadframe
inorganic material
silicon
7440-21-3
0.001
0.01
74
non noble metal
titanium
7440-32-6
0.004
0.04
369
non noble metal
chromium
7440-47-3
0.011
0.11
1106
non noble metal
copper
7440-50-8
3.590
36.72
36.88
367219
368768
wire
noble metal
gold
7440-57-5
0.023
0.24
0.24
2355
2355
encapsulation
organic material
carbon black
1333-86-4
0.055
0.56
5619
plastics
epoxy resin
-
1.181
12.08
120813
inorganic material
silicondioxide
60676-86-0
4.257
43.55
56.19
435491
561923
leadfinish
non noble metal
tin
7440-31-5
0.150
1.53
1.53
15308
15308
plating
noble metal
silver
7440-22-4
0.149
1.52
1.52
15200
15200
glue
plastics
epoxy resin
-
0.024
0.24
2447
noble metal
silver
7440-22-4
0.113
1.15
1.39
11536
13983
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and does not use any exemption.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - TLE4963-2M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4963-2M INFINEON-TLE4963-2M Datasheet
15Mb / 91P
Sensor solutions for automotive, industrial and consumer applications
TLE4963-2M INFINEON-TLE4963-2M_16 Datasheet
734Kb / 17P
High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
More results

Similar Description - TLE4963-2M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA000851438 INFINEON-MA000851438 Datasheet
24Kb / 1P
Material Content Data Sheet
29. August 2013
MA000859868 INFINEON-MA000859868 Datasheet
28Kb / 1P
Material Content Data Sheet
28. August 2013
MA000870990 INFINEON-MA000870990 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA000979032 INFINEON-MA000979032 Datasheet
28Kb / 1P
Material Content Data Sheet
29. August 2013
MA000990710 INFINEON-MA000990710 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001056742 INFINEON-MA001056742 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001082472 INFINEON-MA001082472 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001095596 INFINEON-MA001095596 Datasheet
29Kb / 1P
Material Content Data Sheet
28. August 2013
MA001114474 INFINEON-MA001114474 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001145362 INFINEON-MA001145362 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com