Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UESDA6V1W5L-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UESDA6V1W5L-AL5-R
Description  4-BIT WIDE MONOLITHIC SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UESDA6V1W5L-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UESDA6V1W5L-AL5-R Datasheet HTML 1Page - Unisonic Technologies UESDA6V1W5L-AL5-R Datasheet HTML 2Page - Unisonic Technologies UESDA6V1W5L-AL5-R Datasheet HTML 3Page - Unisonic Technologies UESDA6V1W5L-AL5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UESDA6V1W5
Preliminary
TVS
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R223-005.a
4-BIT WIDE MONOLITHIC
SUPPRESSOR
DESCRIPTION
The UTC UESDA6V1W5 is a 4-bit wide monolithic suppressor, it
uses UTC’s advanced technology to provide customers with low
leakage current and high integration, etc.
The UTC UESDA6V1W5 is suitable for ESD protection and high
density boards..
FEATURES
* Low leakage current (Max.=1µA)
* High integration
* Breakdown voltage (Min.=6.1V)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UESDA6V1W5L-AL5-R
UESDA6V1W5G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - UESDA6V1W5L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UESDA6V1W5L-AL5-R UTC-UESDA6V1W5L-AL5-R Datasheet
123Kb / 4P
4-BIT WIDE MONOLITHIC SUPPRESSOR
More results

Similar Description - UESDA6V1W5L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8150 WOLFSON-WM8150 Datasheet
271Kb / 24P
SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
logo
Mitsumi Electronics, Co...
MM1327 MITSUMI-MM1327 Datasheet
142Kb / 11P
Wide Discriminator Monolithic IC
logo
Wolfson Microelectronic...
WM8150 WOLFSON-WM8150_05 Datasheet
299Kb / 26P
Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Data Delay Devices, Inc...
3D3424 DATADELAY-3D3424 Datasheet
357Kb / 6P
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7424 DATADELAY-3D7424 Datasheet
361Kb / 6P
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
logo
Wolfson Microelectronic...
WM8253 WOLFSON-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Unisonic Technologies
UESDA6V1W5 UTC-UESDA6V1W5 Datasheet
123Kb / 4P
4-BIT WIDE MONOLITHIC SUPPRESSOR
logo
Cirrus Logic
WM8253 CIRRUS-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com