Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB32 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # PB32
Description  3 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PB32 Datasheet(HTML) 1 Page - Micro Commercial Components

  PB32 Datasheet HTML 1Page - Micro Commercial Components PB32 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PB305
THRU
PB310
3 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
PB-3
Features
•
Mounting Hole For #6 Screw
•
Plastic Case
•
Any Mounting Position
•
Surge Rating Of 50 Amps
•
Low Forward Voltage Drop
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.580
.620
14.69
15.71
2PL
B
.230
.270
5.84
6.86
C
.750
---
19.00
---
D
.405
.445
10.29
11.31
2PL
E
.028
.032
0.71
0.81
4PL/TYP
G
.140
.150
3.56
3.81
∅
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
PB305
PB305
50V
35V
50V
PB31
PB31
100V
70V
100V
PB32
PB32
200V
140V
200V
PB34
PB34
400V
280V
400V
PB36
PB36
600V
420V
600V
PB38
PB38
800V
560V
800V
PB310
PB310
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TC = 50
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.2V
IFM = 1.5A per
element;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1 mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
B
C
E
D
A
AC
+
-
A
AC
G
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - PB32

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PB32 MCC-PB32 Datasheet
267Kb / 3P
3 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Crydom Inc.,
PB32C4 CRYDOM-PB32C4 Datasheet
378Kb / 3P
MOUNTING BOARD
PB32D CRYDOM-PB32D Datasheet
365Kb / 3P
MOUNTING BOARD
PB32HQ CRYDOM-PB32HQ Datasheet
370Kb / 3P
MOUNTING BOARD
logo
Opto Electronics Co,. L...
PB32HQ E-OEC-PB32HQ Datasheet
107Kb / 3P
MOUNTING RACKS CLASSIC QUAD PAK
More results

Similar Description - PB32

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W Datasheet
74Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005_16 Datasheet
223Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB305 MCC-PB305_13 Datasheet
267Kb / 3P
3 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com