Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B60 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # B60
Description  Heat Sink System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

B60 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  B60 Datasheet HTML 1Page - Ohmite Mfg. Co. B60 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
167
dime NS i ONS
h O w t O O rder
B60/C60 Series
Heat Sink System
0.079"
(2mm)
0.12"
(3mm)
0.08"
(2mm)
0
.17"
(4.3mm)
1.19"*
(30.2mm)
1
.97"*
(50mm)
0.31"
(8mm)
0.47"
(12mm)
1.61
(41mm)
2.48"
(63mm)
2.58"
(65.5mm)
2.95"
(75.0mm)
1.97"
(50mm)
2.79"
(71.0mm)
2x 0.079"
(2mm)
0.049"
(1.25mm)
0.12"
(3mm)
0.32"
(8.1mm)
2.95"
75.0mm
1.61"
(41mm)
2.63"
(66.7mm)
2.53"
(64.2mm)
2.07"
(52.7mm)
0.17"
(4.3mm)
0.080"
(2.03mm)
2.78" REF
(70.7mm)
2.74" REF
(69.5mm)
LAND
PATTERN
2x ø
0.11" pth
(2.8mm)
6x ø
0.07" pth
(1.8mm)
2x 0.08"
(2.0mm)
0.18"
(4.06mm)
L – 0.16"
(0.16mm)
Clip Dimensions
C60
B60
0.43"
(11mm)
W +0.12"
(+3.0mm)
W
0.78"
(19.8mm)
1.39" REF
(35.3mm)
"W"
T247 0.63" (16.1mm)
T264 0.80" (20.2mm)
L
X
Y
NOTE: Due to pos-
sible screw torquing
on long extrusions,
Customer should
check for coplanarity
prior to final assem-
bly or soldering.
C60 XX -058-AE
Series
B = without lip
C = with lip
Length
(mm)
Hole
pattern
(optional)
Finish
A = black anodized
V = degreased
RoHS compliant
Clip series Device type
T247 = TO-247
T264 = TO-264
Standard
configuration
RoHS
compliant
CLA-T247-21E
Heatsink
Clip



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com