Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRS Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # CRS
Description  Avaliable in two sizes ARCOLs CRS utilises Electron Beam
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

CRS Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  CRS Datasheet HTML 1Page - Ohmite Mfg. Co. CRS Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
The information contained herein does not form part of a
contract and is subject to change without notice. ARCOL
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask ARCOL.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
1 /14.23
CRS SMD Shunt Resistor
Electrical Specifications
Type
Wattage
(Rated Power)
Resistance Range
TCR
(PPM/°C)
(+20°C~+150°C)
F(±1%)
J(±5%)
CRS1050
5
R0005 (0.5mΩ)
±75
CRS1050
4
R001 (1mΩ)
±60
CRS1050
4
R002 (2mΩ)
±100
CRS1050
3
R003 (3mΩ)
±100
CRS1050
2.5
R004 (4mΩ)
±100
CRS1575
7
R0002 (0.2mΩ)
±50
CRS1575
6
R0005 (0.5mΩ)
±100
CRS1575
6
R001 (1mΩ)
±120
CRS1575
4
R002 (2mΩ)
±120
CRS1575
3.5
R003 (3mΩ)
±120
Derating Curve
CRS1050
CRS1575
Packaging
Type
A
B
W
E
F
P0
P1
P2
ØD0
T
Quanitity
(EA)
CRS1050
5.7
11.2
16
1.75
7.5
4
12
6
1.50
1.2
3000
CRS1575
8.2
16.1
24
1.75
11.5
4
12
6
1.50
1.9
2000
Ordering Procedure
Standard Resistor: Series, Resistance Value,
Tolerance,TCR,Packaging (TR: Tape & Reel, B:
Bulk)
e.g: CRS1050 R001 J 60ppm TR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com