Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # CS5
Description  High Power Precision Current Sense
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

CS5 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  CS5 Datasheet HTML 1Page - Ohmite Mfg. Co. CS5 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
41
CS5 Series
High Power Precision Current Sense
Temperature Range -25℃~+150℃
Insulation Resistance 20MΩ min. at DC500V
Temp. Coefficient 30ppm/℃ max.
Dielectric Withstanding
Voltage
AV 1500V for 1 minute
Test Method
Max. ∆R
Load Life (1,000 hours at rated power at 70°C) 1.0%+0.05Ω max.
Short Time Overload (Mil-Std-202, Method 106, Cond. A)
0.5%+0.05Ω max.
Stability (Mil-Std-202, Method 107)
0.1%+0.05Ω max.
Derating
Surface Temperature Increase Versus Power Load
The CS5 is a high power precision cur-
rent sensing resistor designed with four
terminals. This resistor series is distin-
guished by excellent long term stability
& TCR. The Kelvin connections allow
high precision measurements even with
low resistance values. The CS5 series
has a non-inductive copper manganin
element inserted into a cement sealed
ceramic case.
Fea ture S
•Valuesbeginningatone
miliohm
•NonInductiveDesign
•FourterminalKelvin
connection
Chara C teri S ti CS
(continued)
Series
Power Rating (W)* Resistance Range (mΩ) Resistance Tolerance (%) TCR (ppm/°C)
CS5
5W
1m, 2m, 3m, 4m
±0.5, ±1
±30ppm/℃
* Max.current 60A at 1mΩ
Serie S S pe C i F i C ation S
% Rated Power
0
20
40
60
80
100
40
0
60
80
100
20
Terminal Temperature, °C
160
150°
0 20 40 60 80° 100 120 140
40
0
60
80
120
20
100
a ppli C a tion S
•Powermodules
•Frequencyconverters
•Switchmodepowersupplies


Similar Part No. - CS5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5-02GO2 ETC1-CS5-02GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS5-04GO2 ETC1-CS5-04GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS5-06GO2 ETC1-CS5-06GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS5-08IO2 ETC1-CS5-08IO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
logo
Superworld Electronics
CS5-10 SUPERWORLD-CS5-10 Datasheet
109Kb / 1P
POWER TRANSFORMER
More results

Similar Description - CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Ohmite Mfg. Co.
LVK12R005DER OHMITE-LVK12R005DER Datasheet
224Kb / 1P
Four Terminal High Precision Current Sense
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Ohmite Mfg. Co.
LVK12R050DER OHMITE-LVK12R050DER Datasheet
224Kb / 1P
Four Terminal High Precision Current Sense
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
logo
Ohmite Mfg. Co.
LVK OHMITE-LVK_18 Datasheet
485Kb / 3P
Four Terminal High Precision Current Sense
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com