Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBW Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # EBW
Description  Manganin-NiCr Current Sense
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

EBW Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  EBW Datasheet HTML 1Page - Ohmite Mfg. Co. EBW Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
5
Land Pattern
EBW Series
Manganin/NiCr Current Sense
ord E ring information
Standard Part Numbers
EBWA-MR0005FE
EBWA-MR0010FE
EBWA-NR0020FE
EBWA-NR0030FE
EBWA-NR0040FE
EBWB-MR0002FE
EBWB-MR0005FE
EBWB-NR0010FE
EBWB-NR0020FE
EBWB-NR0030FE
dim E n S ion S
(in. / mm)
p ul SE E n E rgy/po WE r for continuou S op E ration
Ohm Value
L
W
Thickness "t"
EBWA-M 0.5mΩ 0.413 / 10.5 0.197 / 5 0.035 / 0.88
1mΩ
0.017 / 0.43
EBWA-N 2mΩ
0.413 / 10.5 0.197 / 5 0.025 / 0.64
3mΩ
0.017 / 0.43
4mΩ
0.013 / 0.32
EBWB-M 0.2mΩ 0.598 / 15.2 0.295 / 7.5 0.059 / 1.5
0.5mΩ
0.022 / 0.56
EBWB-N 1mΩ
0.598 / 15.2 0.295 / 7.5 0.035 / 0.9
2mΩ
0.018 / 0.45
3mΩ
0.012 / 0.3
0.220"
5.6mm
0.630"
16mm
0.344" / 8.75mm
(0.244" / 6.2mm)
L
+.008/-0"
+.2/-0mm
0.197" ±.008
5mm ±0.2
W
±.012"
±.3mm
max. 1.2mm
trimming area
electron
beam
welding
t
0.020"
0.5mm
Time (msec.)
EBWB
EBWA
1
0.01
10
100
0.1
1000
10,000
0.01
0.0001
0.1
1
0.001
10
100
1,000
10,000
0.01
0.0001
0.1
1
0.001
10
100
EBWA:
Max. curve is only valid for the resistance value 0.5m. The
min. curve is only valid for the resistance value 4m. For other resis-
tance values the area in between the max. and the min. curve is valid
EBWB:
Max. curve is only valid for the resistance value 0.2m. The
min. curve is only valid for the resistance value 2m. For other resis-
tance values the area in between the max. and the min. curve is valid
EBWA-MR0020FE T
Series
Electron
Beam Weld
Size
Alloy
M = Maganin
N = NiCr
Resistance Tolerance
F = 1%
G= 2%
J = 5%
Tape and reel
EBWA: 3000 pc/reel
EBWB: 2000 pc/reel
RoHS Compliant
Reel: ~12.95" (329mm)
Qty. per reel: EBWA: 3000pcs
EBWB: 2000pcs
15.70mm ±.10
11.00mm ±.10
0.30mm ±.10
2.00mm ±.10
2.00mm ±.10
1.75mm ±.10
1.75mm ±.10
11.50mm ±.10
7.50mm ±.10
12.00mm ±.10
24.00mm ±.30
16.00mm ±.30
10 pitch cumulative
tolerance on tape ±0.2
4.00mm ±.10
10 pitch cumulative
tolerance on tape ±0.2
4.00mm ±.10
Ø1.50mm +10/-0
Ø1.50mm +10/-0
8.00mm ±.10
8.00mm ±.10
EBWA
EBWB
5.50mm ±.10
2.10mm ±.10
2.10mm ±.10
Tape and Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com