Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVF Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # EVF
Description  Vitreous Enamel Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

EVF Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  EVF Datasheet HTML 1Page - Ohmite Mfg. Co. EVF Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
A
Ø B
26mm
D
E
F
Ø C
G
H
15mm
J
160 and 280 Watt
A
23mm
3mm
Ø B
58mm
D
E
F
G
15mm
H
J
700 Watt
wIrewound
Tubular
Euro-Power
Wirewound Series
Vitreous Enamel Power
OR d ERING INFORMATION
lu G d IMENSIONS
(dimensions in millimeters)
Standard Part numbers for Fixed Roundwire Euro series
EVFT119EM10RJE EVFT170EN10RJE EVFT252EP10RJE ESFT375ER10RJE
EVFT119EM100JE EVFT170EN100JE EVFT252EP100JE ESFT375ER100JE
EVFT119EM1K0JE EVFT170EN1K0JE EVFT252EP1K0JE ESFT375ER1K0JE
EVFT119EM10KJE EVFT170EN10KJE EVFT252EP10KJE ESFT375ER10KJE
EVFT119EM4R7JE EVFT170EN4R7JE EVFT252EP4R7JE ESFT375ER4R7JE
EVFT119EM47RJE EVFT170EN47RJE EVFT252EP47RJE ESFT375ER47RJE
EVFT119EM470JE EVFT170EN470JE EVFT252EP470JE ESFT375ER470JE
EVFT119EM4K7JE EVFT170EN4K7JE EVFT252EP4K7JE ESFT375ER4K7JE
Standard Part numbers for Fixed Ribbon wire Euro series
EVRT252EPR22KE EVRT170EN2R2JE ESRT375ER2R2JE
EVRT252EPR22KE EVRT170ENR10KE ESRT375ER4R7JE
EVRT252EP1R0JE EVRT170EN4R7JE ESRT375ER1R0JE
EVRT252EP2R2JE EVRT170EN1R0JE ESRT375ER10RJE
EVRT252EP10RJE EVRT170EN10RJE ESRT375ER22RJE
EVRT252EP22RJE EVRT170ENR47KE ESRT375ERR47KE
EVRT252EP4R7JE EVRT170ENR22KE ESRT375ER47RJE
EVFT119EM47RJE
Euro
tubular
series
Length
(mm)
Resistance
4R7 = 4.7
Tolerance
J = 5%
Terminal
T= Standard Solder tab
L= Live bracket
Core code
EM= 72W
EN= 160W
EP= 280W
ER= 700W
Construction
F= fixed roundwire
A= adjustable roundwire
R= fixed ribbon wire
Coating
V = vitreous
S = silicone
C = centohm
RoHS
Compliant
Watts
Core
Round wire
Ribbon wire
A ±2
Ø B max.
Ø C min.
D
E
F ±0.5
G -4/+0
H -4/+0
J ±0.5
code
160
200
168
28
12
53.8 ±1
27 ±1
24
229
199
6.5
EN
280
350
250
33
17
63 ±1
30 ±1
25
317
287
9
EP
700
1000
373
53
27.1
80 max.
51 ±1.5
30
432
405
9
ER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com