Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVF Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # HVF
Description  High voltage up to 3,000 volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HVF Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  HVF Datasheet HTML 1Page - Ohmite Mfg. Co. HVF Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
23
DIRECTION OF FEED
Trailer
230mm min.–560mm
max. May consist of
carrier and/or cover tape
followed by a minimum
of 160mm of carrier with
sealed cover tape
Leader
Minimum of 40
empty component
pockets sealed
with cover tape
Components
A
B
0.157 ±.004
4.0 ±0.10
0.059 +.004/-0.0
1.5 +0.10/-0.0
0.157 ±.004
4.0 ±0.10
0.079 ±.002
2.0 ±0.05
0.032 ±.004
0.81 ±0.10
0.315 ±.012
8.0 ±0.30
0.069 ±.004
1.75 ±0.10
0.138 ±.002
3.5 ±0.05
0.512 ±.008
13.0 ±.20
1.969 min.
50.0 min.
7.00 ±.079
178.0 ±2.0
0.56 max.
14.2 max.
0.331 +.059/-0.0
8.4 +1.5/-0.0
Reel
H V F 1 2 0 6 T 1 0 0 4 J E T
High Voltage
Flip Chip
Series
Case Size
1206
2512
Tolerance
F = 1%
G= 2%
J = 5%
Ohms
First 3 digits are
significant; last
digit specifies
number of zeros to
follow. Example:
1006 = 100M�
Taping Code
blank = bulk package
T = tape & reel
RoHS
Compliant
TCR
T = 100 ppm
V = 50 ppm*
*Not available for all resistance
values; consult factory
Standard part numbers
Ohms
HVF1206--- HVF2512---
25K
---T2502FE ---T2502FE
50K
---T5002FE ---T5002FE
75K
---T7502FE ---T7502FE
100K
---T1003FE ---T1003FE
250K
---T2503FE ---T2503FE
500K
---T5003FE ---T5003FE
1000K
---T1004FE ---T1004FE
1500K
---T1504FE ---T1504FE
2000K
---T2004FE ---T2004FE
2500K
---T2504FE ---T2504FE
5000K
---T5004FE ---T5004FE
7500K
---T7504FE ---T7504FE
1G
---T1007JE ---T1007FE
5G
---T5007FE
10G
---T1008JE
L
T
a
W
Silicone
Aluminum Oxide
Ruthenium Oxide
Silver (PdAg)
Series
L
W
a
T (max.)
M
N
O
L
HVF1206 0.128 0.063 0.018 0.028 0.150 0.040 0.080 0.070
HVF2512 0.252 0.126 0.026 0.032 0.288 0.062 0.140 0.164
Land pattern
Land pattern
dimensions are
for reference only
L
O
M
N
Insulation Resistance >10,000 MΩ
500 Volt 25 °C 75% relative humidity
Dielectric Strength >1,000 Volt
25 °C 75% relative humidity
Thermal Shock ∆ R/R < 0.1% typ., 0.50% max. MIL Std. 202, method 107, Cond. C (IEC 68 -2 -14)
Overload ∆ R/R < 0.1% typ., 0.50% max. 1,5 x Pnom, 5 sec (do not exceed max. voltage)
Moisture Resistance ∆ R/R < 0.1% typ., 0.50% max. MIL Std. 202, method 106 (IEC 68 -2 -3)
Load Life ∆ R/R < 0.1% typ., 0.50% max. 1000 hours at rated power (IEC 115 -1)
HVF Series
High Voltage
Flip Chip Film
P er FO rma NC e data
d I me NSIONS
(in. ±0.008)
Order IN g INFO rmat ION
ta P e a N d reel
Per EIA Std. RS-481
Standard Qty/Reel is 1000; maximum available quantity per reel is 3,500 for
1206 size and 2,000 for 2512 size; call 1-866-9-OHMITE for details.
Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com