Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # MCS
Description  Metal Element Current Sense
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MCS Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  MCS Datasheet HTML 1Page - Ohmite Mfg. Co. MCS Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
14
MCS Series
Metal Element Current Sense
Resistive Metal Alloy mOhm Technology, SMD
Power Rating
Resistance TCR (ppm/°C)
Series
(@70°C)
5m
Ω
10m
Ω
15m
Ω
20m
Ω
25m
Ω
30m
Ω
40m
Ω
50m
Ω
MCS1632
1W
<200
<70
<40
<40
<40
<40
<40
<40
MCS3264
2W
<200
<70
<40
<40
<40
<40
<40
<40
C hara C teri S ti CS
Resistance Range 0.005Ω - 0.05Ω
Color white (top) / green (bottom)
Power 1 and 2 watts at 70°C
Standard resistance
values (mΩ)
5, 10, 15, 20, 25, 30, 35, 50
TCR ±50ppm/°C (two standard series
of temperatures: 25°C, 0°C, -15°C,
-55°C and 25°C, 50°C, 75°C, 125°C,
150°C; temp. tolerance ±3°C; TCR =
(R2-R1)/R1(T2-T1)x106)
Tolerance 1%, 3%, 5%
Rated voltage (PxR)1/2
100
Ambient Temperature, C
60
20
0
80
40
0
50 70
-55
100
150
Derating
Recommended
Solder Profile
NiCu or MnCu
Resistive Alloy
Material TCR ±10ppm/ϒK
96% Alumina Substrate
Thermo-dissipation
Protective Layer
Flame-retardant Epoxy
Protective Coat
Cu Electrode
Pb-free Termination
Marking
Epoxy UL-94-V0
Conformal
300
Time (sec.)
Preheating
120 sec.
Soldering
Cooling
200
50
50
0
100
150
250
200
0
250
100
150
60 sec.
10 sec.
Fea ture S
•NiCuorMnCuresistivealloy;materialTCR
±10ppm/°K
•MarkingepoxyUL-94-V0conformal
•96%aluminasubstratethermodissipationprotec-
tivelayer
•CuTerminalElectrodewithPbFreetermination
(60%Sn,40%Ni)
•Flame-retardantepoxyprotectivecoat(UL-94-V0)
•Ultralowresistancevalue(0.005
Ω~0.050Ω)
•Precisionresistancealloy(NiCr20AlSi,orCuMnNi);
materialselectedforlowTCR(<50ppm/°C)
•Superiortemperaturecoefficientcharacteristics;
resistancevs.temp.changefrom25°Cto125°C
within10ppm/°C~50ppm/°C
•Lowinductance,lowthermoEMF(<50µV/°C)
a ppli C a tion S
•Industrialelectronics,powerelectronics:power
supply,DC/DCconverter,AC/DCconverter,motor
controller,automotiveelectronics
•Batterycharger,PC,PDA,3Cproducts,
Telecommunications,instruments,whitegoods
S erie S S pe C i F i C ation S
Preheating:
145°C ±15°, max. 120 sec.
Soldering:
min. 220°C, max. 60 sec.
Max. Temp.:
260°C ±5°, 10 sec.


Similar Part No. - MCS

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MCS XPPOWER-MCS Datasheet
394Kb / 2P
Rugged Desktop Design
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
Sub-miniature Slide Switches
logo
Laird Tech Smart Techno...
MCS LSTD-MCS Datasheet
200Kb / 2P
High power performance
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
542Kb / 2P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
Sensata Technologies, I...
MCS SENSATA-MCS Datasheet
1Mb / 5P
SOFT START/SOFT STOP SOLID STATE RELAY
Rev:07/24/2024
More results

Similar Description - MCS

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
600HR050E OHMITE-600HR050E Datasheet
119Kb / 1P
Two Terminal Metal Element Current Sense
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
Ohmite Mfg. Co.
MCS1632R010FER OHMITE-MCS1632R010FER Datasheet
196Kb / 1P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
13FR025E OHMITE-13FR025E Datasheet
144Kb / 1P
Axial Wire Element Current Sense
logo
List of Unclassifed Man...
12FR050E ETC2-12FR050E Datasheet
143Kb / 1P
Axial Wire Element Current Sense
OAR3R015FLF ETC2-OAR3R015FLF Datasheet
570Kb / 4P
Open Air Resistor Metal Element Current Sense
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
Open Air Resistor Metal Element Current Sense OAR
logo
Ohmite Mfg. Co.
60SERIES OHMITE-60SERIES Datasheet
273Kb / 1P
Two Terminal Metal Element Current Sense
MCS OHMITE-MCS_18 Datasheet
542Kb / 2P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
Integrated Current Sense Element
Rev 0; 10/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com