Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SV-LED Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # SV-LED
Description  Heatsinks For Power LED Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SV-LED Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  SV-LED Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
187
Surface
Thermal
Heatsink
Area
Weight
Resistance
Height H
Part Number
(in2/mm2)
(oz/g)
(°C/W)
(in./mm)
SV-LED-314E
5.3 / 3,419
0.23 / 6.5
9.0
0.55/14
SV-LED-325E
9.5 / 6,129
0.41/11.6
5.6
0.98/25
Ohmite introduces the SV-LED Series, high perfor-
mance, low cost, configurable, scalable and compact
power heatsink for LED modules. This powerful, high
aspect ratio heatsink comes in two standard heights. It
can be configured to customer specifications for length,
surface finish, mounting holes, and custom machining.
SV-LED Series
Heatsinks For Power LED Modules
SERIES SPECIFICATIONS
CUSTOMIZED VERSION
With mounting holes and milled surface SV-LED-214E
DIMENSIONS
ø 0.85"
(21.6mm)
ø 0.39"
(9.9mm)
0.83"
(21.1mm)
H
Standard part numbers for SV-LED heatsinks
Part Number
Description
Packaging
SV-LED-314E Heatsink, degreased, 14mm height Bulk
SV-LED-325E Heatsink degreased, 25mm height Bulk
h O w TO ORDER
0.560"
(14.2mm)
0.562"
(14.3mm)
0.313"
(7.95mm)
2-56 UNC
2x
2-56 UNC
cavity opp. face
0.625" dia. (15.9mm)
0.110"depth (2.8mm)


Similar Part No. - SV-LED

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SV-LED-113E OHMITE-SV-LED-113E Datasheet
236Kb / 1P
S Series
SV-LED-113E OHMITE-SV-LED-113E Datasheet
353Kb / 2P
The heat sink has two types of surface finish
SV-LED-125E OHMITE-SV-LED-125E Datasheet
236Kb / 1P
S Series
SV-LED-125E OHMITE-SV-LED-125E Datasheet
353Kb / 2P
The heat sink has two types of surface finish
SV-LED-151E OHMITE-SV-LED-151E Datasheet
236Kb / 1P
S Series
More results

Similar Description - SV-LED

ManufacturerPart #DatasheetDescription
logo
Semikron International
P14 SEMIKRON-P14 Datasheet
293Kb / 3P
For isolated power modules
logo
Astec America, Inc
APA501-80-001 ASTEC-APA501-80-001 Datasheet
1Mb / 2P
Heatsinks and Accessories
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
D Series Heatsinks
EV-T220-38E OHMITE-EV-T220-38E Datasheet
269Kb / 1P
E Series Heatsinks
RA-T2X-25E OHMITE-RA-T2X-25E Datasheet
311Kb / 1P
F and R Series Heatsinks
WA-T220-101E OHMITE-WA-T220-101E Datasheet
197Kb / 1P
W Series Heatsinks
logo
Dialight Corporation
LKHS9 DIALIGHT-LKHS9 Datasheet
63Kb / 1P
LKHS LINKLED HEATSINKS
logo
Ohmite Mfg. Co.
SINK-SVLED OHMITE-SINK-SVLED Datasheet
267Kb / 1P
Heatsinks For Power LED Modules
HS-SERIES OHMITE-HS-SERIES Datasheet
395Kb / 2P
Heatsinks for Arcol Resistors
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
Efficiency up to 93%, no need for heatsinks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com