Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFH Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # WFH
Description  Aluminum Housed Wirewound Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

WFH Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  WFH Datasheet HTML 1Page - Ohmite Mfg. Co. WFH Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
134
Series
Terminal Type
L= lug terminals
A= amp terminals
W= 30cm insulated wire cable 18AWG
Tolerance
J = 5%
K = 10%
Wattage
at 40°C
base plate
temp.
Ohms
R47= 0.47Ω
RoHS
Compliant
Standard part numbers
WFH90L4R7KE
WFH90L10RKE
WFH90L25RJE
WFH90L50RJE
WFH90L100JE
WFH90L470JE
WFH90L750JE
WFH90L1K0JE
WFH90L2K7JE
WFH90L5K0JE
WFH160LR47KE
WFH160L1R0KE
WFH160L2R0KE
WFH160L10RKE
WFH160L27RJE
WFH160L50RJE
WFH160L75RJE
WFH160L100JE
WFH160L150JE
WFH160L250JE
WFH160L1K0JE
WFH160L5K0JE
WFH160L10KJE
WFH230L1R0KE
WFH230L2R0KE
WFH230L5R0KE
WFH230L10RKE
WFH230L27RJE
WFH230L50RJE
WFH230L75RJE
WFH230L100JE
WFH230L150JE
WFH230L250JE
WFH230L1K0JE
WFH230L1K5JE
WFH230L2K5JE
WFH330L1R0KE
WFH330L2R0KE
WFH330L10RKE
WFH330L27RJE
WFH330L50RJE
WFH330L75RJE
WFH330L100JE
WFH330L150JE
WFH330L250JE
WFH330L1K0JE
WFH330L5K0JE
WFH330L10KJE
The following equations are
applied in the dimensioning of
the resistors at stationary load.
If more information is required
please consult Ohmite. It is as-
sumed that the air around the
resistors is stationary (worst
case). See ohmite.com for more
examples.
dime NS i ONS
(mm)
O rderi N g i NFO rmati ON
de S ig N i NFO rmati ON
4.8
6
0.6
ø2.2
300
10
Wire
terminal
Lug
terminal
A
B
6.3
51
41
15
13.6
12.6
8
0.8
ø4.5
L
Amp
terminal
WFH Series
Aluminum Housed Wirewound Power
1. WFH is mounted on a heat sink:
A. The thermal resistance RTH of the heat sink is known,
T = WMAX x (RTH4 + RTH)
Check that:
TMAX = WMAX x (RTH + RTH3 + RTH1) + TAMB <220°C
B. The Temperature of the Heat Sink is known,
T = WMAX x RTH4 + TH
Check that:
TMAX = WMAX x (RTH1 + RTH3) + TH <220°C
2. WFH is mounted without a heat sink:
Check that:
TMAX = WMAX x (RTH1 + RTH2 ) + TAMB <220°C
Where:
WMAX = Maximum reguired load in resistor
TMAX = Maximum hot spot temperature reguested in resistor (TMAX <220°C)
The lower TMAX the higher reliability and lifetime.
TAMB = Ambient temperature
RTH = Thermal resistance. Refer to table Thermal resistances
TH
= Heat sink temperature (chassis).
T
= Temperature on top of the Aluminum profile.
Type
Watts
A
B
L
WFH90
90
70
39.7
53
WFH160
160
140
80
123
WFH230
230
210
2x 80
193
WFH330
330
280
2x 100
263



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com