Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3874 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 2 Page - Texas Instruments

  AM3874 Datasheet HTML 1Page - Texas Instruments AM3874 Datasheet HTML 2Page - Texas Instruments AM3874 Datasheet HTML 3Page - Texas Instruments AM3874 Datasheet HTML 4Page - Texas Instruments AM3874 Datasheet HTML 5Page - Texas Instruments AM3874 Datasheet HTML 6Page - Texas Instruments AM3874 Datasheet HTML 7Page - Texas Instruments AM3874 Datasheet HTML 8Page - Texas Instruments AM3874 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Optional Switch
– Quad Four Serializer Transmit and Receive
Ports
– IEEE 802.3 Compliant (3.3-V I/O Only)
– DIT-Capable For S/PDIF (All Ports)
– MII/RMII/GMII/RGMII Media Independent
Interfaces
• Multichannel Buffered Serial Port (McBSP)
– Management Data I/O (MDIO) Module
– Transmit and Receive Clocks up to 48 MHz
– Reset Isolation
– Two Clock Zones and Two Serial Data Pins
– IEEE 1588 Time-Stamping and Industrial
– Supports TDM, I2S, and Similar Formats
Ethernet Protocols
• Serial ATA (SATA) 3.0 Gbps Controller With
• Dual USB 2.0 Ports With Integrated PHYs
Integrated PHY
– USB2.0 High- and Full-Speed Clients
– Direct Interface to One Hard Disk Drive
– USB2.0 High-, Full-, and Low-Speed Hosts,
– Hardware-Assisted Native Command
or OTG
Queuing (NCQ) from up to 32 Entries
– Supports End Points 0–15
– Supports Port Multiplier and Command-
Based Switching
• One PCI Express 2.0 Port With Integrated PHY
• Real-Time Clock (RTC)
– Single Port With One Lane at 5.0 GT/s
– One-Time or Periodic Interrupt Generation
– Configurable as Root Complex or Endpoint
• Up to 128 General-Purpose I/O (GPIO) Pins
• Eight 32-Bit General-Purpose Timers
(Timer1–8)
• One Spin Lock Module with up to 128 Hardware
Semaphores
• One System Watchdog Timer (WDT0)
• One Mailbox Module with 12 Mailboxes
• Six Configurable UART/IrDA/CIR Modules
• On-Chip ARM ROM Bootloader (RBL)
– UART0 With Modem Control Signals
• Power, Reset, and Clock Management
– Supports up to 3.6864 Mbps UART0/1/2
– Multiple Independent Core Power Domains
– Supports up to 12 Mbps UART3/4/5
– Multiple Independent Core Voltage Domains
– SIR, MIR, FIR (4.0 MBAUD), and CIR
– Support for Three Operating Points (OPP100,
• Four Serial Peripheral Interfaces (SPIs) (up to
OPP120, OPP166) per Voltage Domain
48 MHz)
– Clock Enable and Disable Control for
– Each With Four Chip Selects
Subsystems and Peripherals
• Three MMC/SD/SDIO Serial Interfaces (up to
• 32KB of Embedded Trace Buffer (ETB) and
48 MHz)
5-Pin Trace Interface for Debug
– Three Supporting up to 1-, 4-, or 8-Bit Modes
• IEEE 1149.1 (JTAG) Compatible
• Dual Controller Area Network (DCAN) Modules
• 684-Pin Pb-Free BGA Package (CYE Suffix),
– CAN Version 2 Part A, B
0.8-mm Ball Pitch With Via Channel
• Four Inter-Integrated Circuit (I2C Bus) Ports
Technology to Reduce PCB Cost
• Six Multichannel Audio Serial Ports (McASPs)
• 45-nm CMOS Technology
– Dual Ten Serializer Transmit and Receive
• 1.8- and 3.3-V Dual Voltage Buffers for General
Ports
I/O
1.2
Applications
•
Single Board Computing
•
Network and Communications Processing
•
Industrial Automation
•
Human Machine Interface
•
Interactive Point-of-Service and Information Kiosks
•
Portable Data Terminals
2
High-Performance System-on-Chip (SoC)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com