Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5000F Datasheet(PDF) 3 Page - Micro Commercial Components

Part # R5000F
Description  0.2mA Fast Recovery High Voltage Rectifier 3500 - 6000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

R5000F Datasheet(HTML) 3 Page - Micro Commercial Components

  R5000F Datasheet HTML 1Page - Micro Commercial Components R5000F Datasheet HTML 2Page - Micro Commercial Components R5000F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
R3500F THRU R6000F
MCC
www.mccsemi.com
RATINGS AND CHARACTERISTICS CURVES
FIG. 5-MAXIMUM FORWARD SURGE
VS NUMBER OF CYCLES
30
24
18
12
6
0
1
10
100
NO. OF CYCLES AT 60HZ
FIG. 6-TYPICAL JUNCTION CAPACITANCE
100
10
1
1
10
100
VR-REVERSE VOLAGE (V)
VF-FORWARD VOLAGE (V)
FIG. 7-TYPICAL FORWARD
CHARACTERISTICS
1
0.1
0.01
0.001
0
2.0
4.0
6.0
8.0
10
12
14
16
R5000F~6000F
R3500F~4000F
R5000F~6000F
R3500F~4000F
R3500F~4000F
R5000F~6000F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com