Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35055 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M35055
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35055 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M35055 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
8
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
HP0
(LSB)
HP1
HP2
HP3
HP4
HP5
HP6
HP7
(MSB)
TEST16
TEST17
TEST18
TEST19
TEST20
TEST21
Contents
Remarks
Set the horizontal display start
position by use of HP7 through
HP0. HP7 to HP0 = (00000000)
to (00001111) setting is
forbidden.
It can be set this up to 240 steps
in increments of one T.
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
Let horizontal display start position be HS,
HS = T ! (
Σ 2nHPn+6)
T : The oscillation cycle of display clock
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
It should be fixed to “0”.
Can not be used.
(2) Address F116
7
n=0
VS
HS
HOR
Character
displaying
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com