Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB421D Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RB421D
Description  40 Volts 0.1 Amp Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB421D Datasheet(HTML) 1 Page - Micro Commercial Components

  RB421D Datasheet HTML 1Page - Micro Commercial Components RB421D Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RB421D
SOT-346
Suggested Solder
Pad Layout
Features
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.106
.122
2.70
3.10
B
.051
.067
1.30
1.70
C
.039
.051
1.00
1.30
D
.014
.020
0.35
0.50
G
.067
.091
1.70
2.30
H
.000
.004
0.00
0.10
J
.004
.010
0.10
0.26
K
.008
.024
0.20
0.60
L
.049
.065
1.25
1.65
S
.089
.118
2.25
3.00
Maximum Ratings
.094
2.400
inches
mm
.031
.800
.039
1.000
.037
.950
.037
.950
www.mccsemi.com
Mechanical Data
•
Case :SOT-346,Molded Plastic
•
Low power rectification
•
Silicon epitaxial planar
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.1A
TA =
25°C
Peak Forward Surge
Current
IFSM
1.0A
8.3ms, half sine
Maximum Forward
Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
30µΑ
TA = 25
°C
VR=10V
VF
0.34V
RB421D
•
Operating Junction Temperature: 125
°C
•
Storage Temperature: -40
°C to +125°C
40 Volts
2.5-3.0
0.098-0.118
          

MCC
S
G
D
B
L
A
1
3
2
H
C
J
K
IFM = 10mA
TA = 25
°C
2
ANODE
3
CATHODE
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RB421D
D3C
40V
28V
40V
•
Low VF ( VF=0.45V Typ at 100mA )
•
High reliability
•
Small surface mounting type ( SMD3 )
DIMENSIONS
0.1 AmpSurface Mount
Schottky Barrier Diode
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
I FM = 100mA
0.55V


Similar Part No. - RB421D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB421D ROHM-RB421D Datasheet
201Kb / 4P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB421D TEL-RB421D Datasheet
72Kb / 1P
Schottky barrier Diodes
logo
Rohm
RB421D ROHM-RB421D Datasheet
1,009Kb / 4P
Schottky Barrier Diode
logo
Micro Commercial Compon...
RB421D MCC-RB421D Datasheet
800Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
logo
SHENZHEN YONGERJIA INDU...
RB421D WINNERJOIN-RB421D Datasheet
76Kb / 1P
Schottky barrier Diodes
More results

Similar Description - RB421D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC420 MCC-MC420 Datasheet
91Kb / 2P
40 Volts 0.1 Amp Surface Mount Schottky Barrier Diode
RB420D MCC-RB420D Datasheet
135Kb / 2P
40 Volts 0.1 Amp Surface Mount Schottky Barrier Diode
RB420D MCC-RB420D_06 Datasheet
808Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB420DS MCC-RB420DS Datasheet
211Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB421D MCC-RB421D_06 Datasheet
800Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB425D MCC-RB425D Datasheet
807Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB441Q MCC-RB441Q Datasheet
449Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB421DS MCC-RB421DS_13 Datasheet
188Kb / 2P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB500V-40 MCC-RB500V-40_13 Datasheet
181Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB501V-40 MCC-RB501V-40_13 Datasheet
183Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com