Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62096 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62096
Description  Hermetically sealed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62096 Datasheet(HTML) 2 Page - Micropac Industries

  62096 Datasheet HTML 1Page - Micropac Industries 62096 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62096
660nm RED LIGHT-EMITTING DIODE “PIGTAIL” (Proton Tolerant LED)
09/22/03
ELECTRICAL CHARACTERISTICS
TA = 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Output Power
PO
2.0
2.2
mW
IF = 50mA
Forward Voltage
VF
2.4
V
IF = 50mA
Reverse Breakdown Voltage
BVR
3
V
IH = 10µA
Radiation Rise Time
tR
100
ns
Peak Wavelength
λ
P
660
nm
IF = 50mA
Beam Angle
θ
12
degrees
1
Forward Max Continuous Current
IF(MAX)
100
mA
25°C Case
2
NOTES:
1.
Angle between half-intensity points.
2.
Running this device at maximum rated forward current degrades life with out heat sinking.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
50
100
mA
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
PO Range, min
62096-004
Commercial
2.0 mW
62096-104
(-55° to +100°C) 100% Screened
2.0 mW
NOTE: Add L to end of dash number to signify addition of loop lead requirement.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com