Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65021 Datasheet(PDF) 2 Page - Micropac Industries

Part # 65021
Description  High magnetic sensitivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

65021 Datasheet(HTML) 2 Page - Micropac Industries

  65021 Datasheet HTML 1Page - Micropac Industries 65021 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut St., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
65021
HIGH RELIABILITY HALL EFFECT SENSOR, NON-LATCHING SWITCHING OUTPUT
07/22/2009
ELECTRICAL CHARACTERISTICS
TA = 25
°°°°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Supply Current
ICC
0.5
2.5
5.0
mA
VCC= 12 V; B < BOP
Saturation Voltage
VOL
0.3
0.5
V
IOUT = 20 mA, B > BOP
Output Leakage
IOFF
0.01
10.0
µA
B < BOP, VOUT = 12 V
Output Rise Time
Tr
0.25
1
µs
VCC = 12 V, RL = 1 K
Ω, C
L = 20 pF
Output Fall Time
Tf
0.25
1
µs
VCC = 12 V, RL = 1 K
Ω, C
L = 20 pF
Maximum Switching Frequency
FSW
10
KHz
MAGNETIC CHARACTERISTICS
TA = 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Operate Point
BOP
70
120
150
Gauss
Vcc = 12 V, RL = 1 KΩ
Release Point
BRP
35
70
100
Gauss
Vcc = 12 V, RL = 1 KΩ
Hysteresis
BHYS
20
50
70
Gauss
Vcc = 12 V, RL = 1 KΩ
NOTES:
1.
Extended temperature performance is obtained with ceramic packaging and assembly processes. High temperature testing is
functional switching verification applying a field of greater than 200 G to switch the output on and removing the field to switch output off.
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
65021-001
Commercial
65021-101
Screened



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com