Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66252 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66252
Description  Low input current requirement: 0.5mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66252 Datasheet(HTML) 2 Page - Micropac Industries

  66252 Datasheet HTML 1Page - Micropac Industries 66252 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66252
6 PIN LCC, HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER (Electrically Similar To 6N140)
09/25/03
ELECTRICAL CHARACTERISTICS
Ta = -55
°C to 125°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Current Transfer Ratio
CTR
300
300
200
1000
750
400
%
%
%
IF = 0.5mA, VO = 0.4V, VCC = 4.5V
IF = 1.6mA, VO = 0.4V, VCC = 4.5V
IF = 5.0mA, VO = 0.4V, VCC = 4.5V
1
1
1
Logic Low Output Voltage
VOL
0.1
0.2
0.4
0.4
V
V
IF = 0.5mA, IOL = 1.5mA, VCC = 4.5V
IF = 5.0mA, IOL = 10mA, VCC = 4.5V
Logic High Output Current
IOH
.005
50
µA
IF = 2µA, VO = VCC = 18V
Logic High Supply Current
ICCH
.010
10
µA
IF = 0mA, VCC = 18V
Low Level Supply Current
ICCL
0.8
2
mA
IF = 1.6mA, VCC = 18V
Input Forward Voltage
VF
1.4
1.7
V
IF = 1.6mA
Input Reverse Breakdown Voltage
BVR
5
V
IR = 10µA
Input-Output Insulation Leakage
Current
II—O
1.0
µA
VI—0 = 1000Vdc,
Relative Humidity = 45%
tA = 25°C, t = 1s
2
Propagation Delay Time To High
Output Level
tPLH
5
4
60
20
µs
µs
IF = 0.5mA, VCC = 5.0V, RL = 4.7kΩ
IF = 5mA, VCC = 5.0V, RL = 680kΩ
Propagation Delay Time To Low
Output Level
tPHL
8
2
100
5
µs
µs
IF = 0.5mA, VCC = 5.0V, RL = 4.7kΩ
IF = 5mA, VCC = 5.0V, RL = 680kΩ
TYPICAL CHARACTERISTICS
Ta = 25
°C, V
CC = 5V Each Channel
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Capacitance
CIN
60
pF
VF = 0, f = MHz, ta = 25
°C
Capacitance (Input-Output)
CI-O
1.5
pF
f = 1MHz, ta = 25
°C
2
Input Diode Temperature
Coefficient
∆vF
∆TA
-1.8
mV/
°C
IF = 1.6mA
Resistance (Input-Output)
RI-0
10
12
Ω
VI—O = 500V, ta = 25
°C
2
Common Mode Transient
immunity at High Output Level
CMH
500
1000
V/
µs
VCM = 50V P-P ,VCC = 5.0V,
RL = 1.5kΩ, IF = OmA
ta = 25
°C
3, 5
Common Mode Transient
Immunity at Low Output Level
CML
500
1000
V/
µs
VCM = 50V P-P ,VCC = 5.0V,
RL = 1.5kΩ, IF = 1.6mA
ta = 25
°C
4, 5
NOTES:
1.
CURRENT TRANSFER RATIO is defined as the ratio of output collector current, IO, to the forward LED input current., IF , times 100%.
2.
Device considered a two-terminal device. Pins 1 and 6 are shorted together and pins 3-5 are shorted together.
3.
CMH is the maximum tolerable common mode transient to assure that the output will remain in a high logic state (i.e. VO > 2.0V).
4.
CML is the maximum tolerable common mode transient to assure that the output will remain in a low logic state (i.e. VO < 0.8V).
5.
In applications where dv/dt may exceed 50,000 V/
µs (such as static discharge) a series resistor, RCC , should be included to protect the detector ICs
from destructively high surge currents. The recommended value is RCC =
= k
Ω.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0
2
µA
Input Current, High Level
IFH
0.5
5
mA
Supply Voltage
VCC
2.0
18
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66252-000
Screened, full mil-temp (-55° to +125°C)
66252-002
Military operating range (-55° to +125°C)
66252-003
Commercial
1V
0.6 IF(mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com