Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SD103C
Description  Small Signal Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103C Datasheet(HTML) 1 Page - Micro Commercial Components

  SD103C Datasheet HTML 1Page - Micro Commercial Components SD103C Datasheet HTML 2Page - Micro Commercial Components SD103C Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l Low Reverse Recovery Time
l Low Reverse Capacitance
l Low Forward Voltage Drop
l Guard Ring Construction for Transient Protection
Mechanical Data
l Case: DO-35, Glass
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: Indicated by Cathode Band
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
SD103A
SD103B
SD103C
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
40V
30V
20V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
28V
21V
14V
Maximum sigle cycle surge 60Hz
sine wave
IFSM
Power Dissipation(Note 1)
Pd
Thermal Resistance, Junction to
Ambient
R
Junction Tmperature
Tj
Operation/Storage Temp. Range
TSTG
-55 to +150
o
C
300K/W
400mW
15A
125
o
C
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol Type
Max
Test Condition
SD103A
5.0uA
VR=30V
Leakage
SD103B
IR
-----
5.0uA
VR=20V
Current
SD103C
5.0uA
VR=10V
Maximum Forward
VFM
-----
0.37V
IF=20mA
Voltage Drop
0.60V
IF=200mA
Junction Capacitance
Cj
50pF
-----
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
10ns
-----
IF=IR=50mA, recover to
200mA/0.1IR
Note: 1. Valid provided that electrodes are kept at ambient temperature
SD103A
THRU
SD103C
Small Signal
Schottky Diodes
DO-35
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - SD103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103C SEMTECH-SD103C Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103C DIODES-SD103C Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
General Semiconductor
SD103C GE-SD103C Datasheet
132Kb / 3P
Schottky Diodes
logo
List of Unclassifed Man...
SD103C ETC1-SD103C Datasheet
337Kb / 3P
SCHOTTKY DIODES
logo
EIC discrete Semiconduc...
SD103C EIC-SD103C Datasheet
34Kb / 2P
SCHOTTKY BARRIER DIODES
More results

Similar Description - SD103C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
Shenzhen Luguang Electr...
1N5712 LUGUANG-1N5712 Datasheet
153Kb / 3P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com