Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF12 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SF12
Description  1.0 Amp Super Fast Rectifier 50 to 400 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF12 Datasheet(HTML) 1 Page - Micro Commercial Components

  SF12 Datasheet HTML 1Page - Micro Commercial Components SF12 Datasheet HTML 2Page - Micro Commercial Components SF12 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SF11
THRU
SF16
1.0 Amp Super Fast
Rectifier
50 to 400 Volts
Features
•
High reliability
•
High current capability
•
Low forward voltage drop
•
High surge capability
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load, derate current by 20%
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
SF11
50V
35V
50V
SF12
100V
70V
100V
SF13
150V
105V
150V
SF14
200V
140V
200V
SF15
300V
210V
300V
SF16
400V
280V
400V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TC = 55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SF11-SF14
SF15-SF16
VF
0.95V
1.3V
IFM = 1.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
100uA
TC = 25
°C
TC = 100
°C
Typical Junction
Capacitance
SF11-SF14
SF15-SF16
CJ
50pF
25pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
TRR
35nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Pulse Test: Pulse width 300 usec, Duty cycle 1%.
www.mccsemi.com
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
DO-41
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - SF12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF12 MOSPEC-SF12 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF12 WTE-SF12 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF12 ZOWIE-SF12 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF12 RECTRON-SF12 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF12 JGD-SF12 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

Similar Description - SF12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER10A MCC-ER10A Datasheet
353Kb / 3P
10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
ER6A MCC-ER6A Datasheet
80Kb / 2P
6 Amp Super Fast Recovery Rectifier 50 to 400 Volts
SF21 MCC-SF21 Datasheet
94Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
ER10A MCC-ER10A_08 Datasheet
201Kb / 5P
10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
SF61 MCC-SF61 Datasheet
328Kb / 4P
6.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Gaomi Xinghe Electronic...
SF11 GXELECTRONICS-SF11 Datasheet
518Kb / 3P
1.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Nanjing International G...
SF21 DGNJDZ-SF21 Datasheet
82Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
SF11-DO41 YFWDIODE-SF11-DO41 Datasheet
390Kb / 3P
50 to 600 Volts 1.0 Amp Super Fast Rectifier
SF21 YFWDIODE-SF21 Datasheet
381Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21-DO15 YFWDIODE-SF21-DO15 Datasheet
427Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com