Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC74L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AC74L-S14-R
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC74L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AC74L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 5Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AC74
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-800.A
DUAL
POSITIVE-EDGE-TRIGGERED
D-TYPE FLIP-FLOP WITH
CLEAR AND PRESET
DESCRIPTION
The U74AC74 is a dual positive-edge-triggered D-type flip-flop.
The preset ( PRE ) and clear ( CLR ) input can set or reset the
output at a low level ,regardless of the level of others inputs .when
the PRE and CLR are inactive(high), data at the data D input
meeting the set-up time requirements is transferred to the outputs
on the positive-going edge of the clock pulse. Following the
hold-time interval, data D can be changed without affecting the
levels at the outputs.
FEATURES
* Operating voltage rauge: VCC(OPR)=2V to 6V.
* Inputs accept voltages to 6V
* Max tpd at 10ns of 5V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AC74L-S14-R
U74AC74G-S14-R
SOP-14
Tape Reel


Similar Part No. - U74AC74L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC74L-S14-R UTC-U74AC74L-S14-R Datasheet
170Kb / 6P
POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - U74AC74L-S14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI-SN74AUC2G80 Datasheet
250Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com