Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC1G126G-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G126G-AL5-R
Description  SINGLE BUS BUFFER GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G126G-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G126G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G126G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G126G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G126G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G126G-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74AHC1G126G-AL5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G126
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-782.C
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
DESCRIPTION
The U74AHC1G126 is a single bus buffer gate/line driver with
3-state output. When OE is low, the Y output are in a
high-impedance state. When OE is high, the device passes
noninverted data from the A input to the Y output.
To ensure the high-impedance state during power up or power
down, OE should be tied to GND through a pull-down resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* Wide supply voltage range from 2V to 5.5V
* Max tpd of 6 ns from A to Y at 5V
* Low power consumption, ICC = 1 μA (Max.) at 5.5V
* ±8 mA output driver at 5V
ORDERING INFORMATION
Order Number
Package
Packing
U74AHC1G34G-AE5-R
SOT-23-5
Tape Reel
U74AHC1G126G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AHC1G126G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G126G-AL5-R UTC-U74AHC1G126G-AL5-R Datasheet
188Kb / 6P
The U74AHC1G126 is a single bus buffer gate/line driver with 3-state output. When OE is low, the Y output are in a high-impedance state.
U74AHC1G126G-AL5-R UTC-U74AHC1G126G-AL5-R Datasheet
226Kb / 6P
Low power consumption
More results

Similar Description - U74AHC1G126G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74F125 TI-SN74F125_07 Datasheet
354Kb / 11P
QUADRUPLE BUS BUFFER GATE
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74LVC2G126 UTC-U74LVC2G126_15 Datasheet
209Kb / 6P
DUAL BUS BUFFER GATE
U74LVC125A UTC-U74LVC125A_15 Datasheet
231Kb / 5P
QUADRUPLE BUS BUFFER GATE
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
SINGLE BUS BUFFER GATE
U74AUC1G126 UTC-U74AUC1G126_15 Datasheet
220Kb / 5P
SINGLE BUS BUFFER GATE
U74AUP1G126 UTC-U74AUP1G126_15 Datasheet
240Kb / 7P
SINGLE BUS BUFFER GATE
U74AHCT1G125 UTC-U74AHCT1G125_V01 Datasheet
189Kb / 6P
SINGLE BUS BUFFER GATE
U74LVC125A UTC-U74LVC125A_V01 Datasheet
246Kb / 5P
QUADRUPLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com