Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC3G34L-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC3G34L-P08-R
Description  TRIPLE BUFFER GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC3G34L-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC3G34L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHC3G34L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHC3G34L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHC3G34L-P08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHC3G34
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-676.A
ABSOLUTE MAXIMUM RATING(unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7.0
V
Input Voltage
VIN
-0.5 ~ 7.0
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±75
mA
Output Current
IOUT
±25
mA
Input Clamp Current
IIK
-20
mA
Output Clamp Current
IOK
±20
mA
Operating Temperature
TOPR
-40 ~ + 85
℃
Storage Temperature
TSTG
-65 ~ + 150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Rise or Fall Times
tR, tF
VCC = 3.3 ± 0.3V
100
ns/V
VCC = 5.0 ± 0.5V
20
ELECTRICAL CHARACTERISTICS (TA=25°С,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High-Level input voltage
VIH
VCC= 2V
1.5
V
VCC= 3V
2.1
VCC= 5.5V
3.85
Low-Level input voltage
VIL
VCC= 2V
0.5
V
VCC= 3V
0.9
VCC= 5.5V
1.65
High-Level Output Voltage
VOH
VI = VIH or VIL, IOH = -50μA, VCC= 2V
1.9
2.0
V
VI = VIH or VIL, IOH = -50μA, VCC= 3V
2.9
3.0
VI = VIH or VIL, IOH = -50μA, VCC= 4.5V
4.4
4.5
VI = VIH or VIL, IOH = -4.0mA, VCC= 3V
2.58
VI = VIH or VIL, IOH = -8.0mA, VCC= 4.5V
3.94
Low-Level Output Voltage
VOL
VI = VIH or VIL, IOH = 50μA, VCC= 2V
0.1
V
VI = VIH or VIL, IOH = 50μA, VCC= 3V
0.1
VI = VIH or VIL, IOH = 50μA, VCC= 4.5V
0.1
VI = VIH or VIL, IOH = 4.0mA, VCC= 3V
0.36
VI = VIH or VIL, IOH = 8.0mA, VCC= 4.5V
0.36
Input Leakage Current
II(LEAK)
VIN=VCC or GND, VCC= 5.5V
0.1
μA
Quiescent Supply Current
ICC
VIN=VCC or GND, IOUT=0, VCC= 5.5V
10
μA
Input Capacitance
CIN
VIN=VCC or GND
1.5
10
pF
SWITCHING CHARACTERISTICS (TA=25°С,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from input (A) to
output(Y)
tPLH
tPHL
CL =15 pF
VCC =3.0 to 3.6 V
4.3
7.1
ns
VCC =4.5 to 5.5 V
3.1
5.5
CL =50 pF
VCC =3.0 to 3.6 V
6.1 10.6
ns
VCC =4.5 to 5.5 V
4.5
7.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com