Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC14G-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC14G-S14-R
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC14G-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC14G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC14G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC14G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC14G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC14G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-386.C
STATIC CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Positive-going Input Threshold
Voltage
VT+
VCC =3.0V
1.2
2.2
V
VCC =4.5V
1.75
3.15
V
VCC =5.5V
2.15
3.85
V
Negative-going Input Threshold
Voltage
VT-
VCC =3.0V
0.9
1.9
V
VCC =4.5V
1.35
2.75
V
VCC =5.5V
1.65
3.35
V
Hysteresis(VT+-VT-)
∆VT
VCC =3.0V
0.3
1.2
V
VCC =4.5V
0.4
1.4
V
VCC =5.5V
0.5
1.6
V
High-Level Output Voltage
VOH
IOH=-50μA
VCC =2.0V
1.9
V
VCC =3.0V
2.9
V
VCC =4.5V
4.4
V
IOH =-4 mA
VCC =3.0V
2.58
V
IOH =-8mA
VCC =4.5V
3.94
V
Low-Level Output Voltage
VOL
IOL=50μA
VCC =2.0V
0.1
V
VCC =3.0V
0.1
V
VCC =4.5V
0.1
V
IOL =4 mA
VCC =3.0V
0.36
V
IOL =8mA
VCC =4.5V
0.36
V
Input Leakage Current
II(LEAK)
VCC =0V to 5.5V,VIN=5.5V or GND
±0.1
μA
Quiescent Supply Current
IQ
VCC =5.5V,VIN=VCC or GND,IOUT=0
2
μA
Input Capacitance
CI
VIN=VCC or GND
2
10
pF
SWITCHING CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay, From
Input(A) To Output(Y)
tPLH/tPHL VCC =3.3±0.3 V
CL=15 pF
8.3
12.8
ns
CL=50 pF
10.8
16.3
ns
tPLH/tPHL VCC =5.0±0.5 V
CL=15 pF
5.5
8.6
ns
CL=50 pF
7
10.6
ns
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power Dissipation Capacitance
CPD
No Load, f=1MHz
9
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com