Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC34G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC34G-S14-R
Description  NON-INVERT BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC34G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC34G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC34G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC34G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC34G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC34G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC34
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-384.A
NON-INVERT BUFFER
DESCRIPTION
The U74AHC34 is six independent non-invert buffers. Each
buffer provides the function Y=A.
FEATURES
* Operate from 2V to 5.5V
* High noise immunity
* Low power dissipation
* Balanced propagation delays
SOP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC34G-S14-R
SOP-14
Tape Reel


Similar Part No. - U74AHC34G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC34G-S14-R UTC-U74AHC34G-S14-R Datasheet
144Kb / 5P
NON-INVERT BUFFER
More results

Similar Description - U74AHC34G-S14-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W34FU TOSHIBA-TC7W34FU Datasheet
187Kb / 6P
TRIPLE NON-INVERT BUFFER
TC7PA34FU TOSHIBA-TC7PA34FU Datasheet
148Kb / 8P
Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7SH34FE TOSHIBA-TC7SH34FE Datasheet
148Kb / 5P
NON-INVERT BUFFER
TC7SH34FS TOSHIBA-TC7SH34FS Datasheet
168Kb / 6P
NON-INVERT BUFFER
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7SET34F TOSHIBA-TC7SET34F Datasheet
174Kb / 5P
Non-Invert Buffer
TC7SH34F TOSHIBA-TC7SH34F_09 Datasheet
173Kb / 7P
Non-Inverter Buffer
logo
Unisonic Technologies
U74AHC07 UTC-U74AHC07 Datasheet
178Kb / 4P
NON-INVERT BUFFERS WITH OPEN-DRAIN OUTPUT
U74AHC34 UTC-U74AHC34 Datasheet
144Kb / 5P
NON-INVERT BUFFER
U74AHC07 UTC-U74AHC07_15 Datasheet
190Kb / 4P
NON-INVERT BUFFERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com