Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC158G-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC158G-P16-R
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC158G-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC158G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74AHC158G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74AHC158G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74AHC158G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74AHC158G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74AHC158G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AHC158
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-630.A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = -50 μA, VCC = 2V
1.9
2
IOH = -50 μA, VCC = 3V
2.9
3
IOH = -50 μA, VCC = 4.5V
4.4
4.5
IOH = -4 mA, VCC = 3V
2.58
High-Level Output Voltage
VOH
IOH = -8 mA, VCC = 4.5V
3.94
V
IOH = 50 μA, VCC = 2V
0.1
IOH = 50 μA, VCC = 3V
0.1
IOH = 50 μA, VCC = 4.5V
0.1
IOH = 4 mA, VCC = 3V
0.36
Low-Level Output Voltage
VOL
IOH = 8 mA, VCC = 4.5V
0.36
V
Input Leakage Current
(A or B inputs)
II(LEAK) VIN = 5.5V or GND, VCC = 0 to 5.5V
±0.1
μA
Quiescent Supply Current
ICC
VIN = VCC or GND, IOUT = 0, VCC = 5.5V
4
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC=5V
2
10
pF
SWITCHING CHARACTERISTICS
(VCC = 3.3V ± 0.3V, TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
CL=15pF, RL=1kΩ
6.2
9.7
tPLH
CL=50pF, RL=1kΩ
8.7 13.2
ns
CL=15pF, RL=1kΩ
6.2
9.7
Propagation delay from input A or B to output Y, tpd
tPHL
CL=50pF, RL=1kΩ
8.7 13.2
ns
CL=15pF, RL=1kΩ
8.4 13.2
tPLH
CL=50pF, RL=1kΩ
10.9 16.7
ns
CL=15pF, RL=1kΩ
8.4 13.2
Propagation delay from input A/ B to output Y, tpd
tPHL
CL=50pF, RL=1kΩ
10.9 16.7
ns
CL=15pF, RL=1kΩ
8.7 13.6
tPLH
CL=50pF, RL=1kΩ
11.2 17.1
ns
CL=15pF, RL=1kΩ
8.7 13.6
Propagation delay from input G to output Y, tpd
tPHL
CL=50pF, RL=1kΩ
11.2 17.1
ns
(VCC = 5V ± 0.5V, TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
CL=15pF, RL=1kΩ
4.1
6.4
tPLH
CL=50pF, RL=1kΩ
5.6
8.4
ns
CL=15pF, RL=1kΩ
4.1
6.4
Propagation delay from input A or B to output Y, tpd
tPHL
CL=50pF, RL=1kΩ
5.6
8.4
ns
CL=15pF, RL=1kΩ
5.3
8.1
tPLH
CL=50pF, RL=1kΩ
6.8 10.1
ns
CL=15pF, RL=1kΩ
5.3
8.1
Propagation delay from input A/ B to output Y, tpd
tPHL
CL=50pF, RL=1kΩ
6.8 10.1
ns
CL=15pF, RL=1kΩ
5.6
8.6
tPLH
CL=50pF, RL=1kΩ
7.1 10.6
ns
CL=15pF, RL=1kΩ
5.6
8.6
Propagation delay from input G to output Y, tpd
tPHL
CL=50pF, RL=1kΩ
7.1 10.6
ns
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power dissipation capacitance
CPD
VCC = 5V, f=1MHz, No load
11
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com