Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC574L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC574L-P20-R
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC574L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC574L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74AHC574L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74AHC574L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74AHC574L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74AHC574L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74AHC574L-P20-R Datasheet HTML 6Page - Unisonic Technologies U74AHC574L-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74AHC574
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-796.A
SWITCHING CHARACTERISTICS (See TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
From CLK to Q
tPLH/tPHL
VCC=3.3V±0.3V
CL=15pF
8.5
13.2
ns
CL=50pF
11
16.7
VCC=5V±0.5V
CL=15pF
5.6
8.6
CL=50pF
7.1
10.6
From OE to Q
tPZL/tPZH
VCC=3.3V±0.3 V
CL=15pF
8.2
12.8
ns
CL=50pF
10.7
16.3
VCC=5V±0.5V
CL=15pF
5.9
9
CL=50pF
7.4
11
From OE to Q
tPLZ/tPHZ
VCC=3.3V± 0.3V
CL=15pF
8.5
13
ns
CL=50pF
11
15
VCC=5V±0.5V
CL=15pF
5.5
9
CL=50pF
7.1
10.1
Maximum Clock
Frequency
fMAX
VCC=3.3V± 0.3V
CL=15pF
80
125
MHz
CL=50pF
50
75
VCC=5V±0.5V
CL=15pF
130
180
CL=50pF
85
115
Pulse Width
tW
VCC=3.3V± 0.3V
5
ns
VCC=5V±0.5V
5
Setup Time
tSU
VCC=3.3V± 0.3V
3.5
ns
VCC=5V±0.5V
3
Hold Time
tH
VCC=3.3V± 0.3V
1.5
ns
VCC=5V±0.5V
1.5
OPERATING CHARACTERISTICS(TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Cpd
No load, VCC=5V, f=1MHz
28
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com