Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC4066G-S14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74AHC4066G-S14-R
Description  QUADRUPLE BILATERAL ANALOG SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC4066G-S14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74AHC4066G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC4066G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC4066G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC4066G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC4066G-S14-R Datasheet HTML 5Page - Unisonic Technologies U74AHC4066G-S14-R Datasheet HTML 6Page - Unisonic Technologies U74AHC4066G-S14-R Datasheet HTML 7Page - Unisonic Technologies U74AHC4066G-S14-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
U74AHC4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-274.D
ANALOG SWITCHING CHARACTERISTICS (TA=25°С,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Frequency Response (Switch On),
From A to B Or B to A
CL= 50pF, RL=600Ω,
fIN=1MHZ,
20log10 (VO/VI)=-3dB
VCC=2.3V
30
MHZ
VCC=3V
35
VCC=4.5V
50
Crosstalk (Between Any Switches),
From A to B Or B to A
CL= 50pF, RL=600Ω,
fIN=1MHZ
VCC=2.3V
-45
dB
VCC=3V
-45
VCC=4.5V
-45
Crosstalk (Control Input To Signal
Output), From C to A or B
CL= 50pF, RL=600Ω,
fIN=1MHZ
VCC=2.3V
15
mV
VCC=3V
20
VCC=4.5V
50
Feed-through Attenuation (Switch
Off), From A to B Or B to A
CL= 50pF, RL=600Ω,
fIN=1MHZ
VCC=2.3V
-40
dB
VCC=3V
-40
VCC=4.5V
-40
Sine-wave Distortion
CL= 50pF, RL=10KΩ,
fIN=1KHZ
VCC=2.3V, VI=2 VP-P
0.1
%
VCC=3V, VI=2.5 VP-P
0.1
VCC=4.5V, VI=4 VP-P
0.1
OPERATING CHARACTERISTICS (TA=25°С,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance
CPD
CL =50pF,f=1MHz
4.5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com