Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL05 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SL05
Description  Transient Voltage Suppressor 300 Watt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL05 Datasheet(HTML) 2 Page - Micro Commercial Components

  SL05 Datasheet HTML 1Page - Micro Commercial Components SL05 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WAVE FORMS
MOUNTING PAD SOT23
CIRCUIT DIAGRAM
0
10
20
30
0
50
100
t -- Time in microsec
Peak Value -- Ipp
Half-Value --
Ipp
2
8 X 20 Waveform
t
td
FIGURE 2
Pulse Wave Form
FIGURE 1
Peak Pulse Power Vs Pulse Time
100ns
1µs
10µs
100µs
1ms
10ms
td – PULSE TIME - SEC
100
10
1.0
.10
8/20 µs 300 W pulse
SL03 thru SL24
ELECTRICAL CHARACTERISTICS @ 25
º
C Unless otherwise specified
STAND
OFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(FIGURE 2)
VOLTS
LEAKAGE
CURRENT
ID
@ VWM
µA
CAPACITANCE
@0V, 1 MHz
C
pF
TEMPERATURE
COEFFICIENT
OF VBR
áVBR
mV/ºC
PART
NUMBER
DEVICE
MARKING
MIN
MAX
MAX
MAX
MAX
MAX
SL03
L03
3.3
4
8
11
200
3
-5
SL05
L05
5.0
6.0
10.8
13
100
3
3
SL12
L12
12.0
13.3
19
26
1
3
10
SL15
L15
15.0
16.7
25
32
1
3
13
SL24
L24
24.0
26.7
44
57
1
3
30
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product
selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
www.mccsemi.com
MCC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com