Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT3G06L-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT3G06L-P08-R
Description  INVERTER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT3G06L-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT3G06L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT3G06L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT3G06L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT3G06L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT3G06L-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74AHCT3G06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-692.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7.0
V
Input Voltage
VIN
-0.5 ~ 7.0
V
Output Voltage
VOUT
-0.5 ~ 7.0(active mode)
V
Output Voltage
-0.5 ~ 7.0(high-impedance mode)
V
VCC or GND Current
ICC
±75
mA
Output Current
IOUT
±25
mA
Input Clamp Current
IIK
-20
mA
Output Clamp Current
IOUT
±20
mA
Operating Temperature
TOPR
-40 ~ + 85
Storage Temperature
TSTG
-65 ~ + 150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
Active mode
0
VCC
V
High-impedance mode
0
6.0
V
Input Rise or Fall Times
tR, tF
VCC = 5.0 ± 0.5V
20
ns/V
ELECTRICAL CHARACTERISTICS(TA=25 )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High-Level Input Voltage
VIH
VCC = 4.5 V to 5.5 V
2.0
V
Low-Level Input Voltage
VIL
VCC = 4.5 V to 5.5 V
0.8
V
Low-Level Output Voltage
VOL
VCC =4.5V,
VI = VIH or VIL
IO = 50 μA
0
0.1
V
IO = 8.0 mA
0.36
Input Leakage Current
II(LEAK)
VI =5.5V or GND,VCC=0V to 5.5V
0.1
μA
3-State output OFF-State Current
IOZ
VCC=5.5V,VI =VIH or VIL,VO=VCC or GND
±.025 μA
Quiescent Supply Current
ICC
VCC =5.5V,VI = VCC or GND, IO = 0
1.0
μA
Additional Quiescent Supply Current
ΔICC
VCC=5.5V,One input at 3.4V,
Other inputs at VCC or GND, IOUT = 0
1.35 mA
Input Capacitance
CIN
VI=VCC or GND
1.5
10
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com