Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBT1G385G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74CBT1G385G-AE5-R
Description  SINGLE FET BUS SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT1G385G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74CBT1G385G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74CBT1G385G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74CBT1G385G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74CBT1G385G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74CBT1G385G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74CBT1G385
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-802.B
SINGLE FET BUS SWITCH
DESCRIPTION
The U74CBT1G385 features a single high-speed line switch. The
switch is disabled when the output-enable(OE) input is high.
The U74CBT1G385 is characterized for operation from -40°C to
85°C.
FEATURES
* 5-Ω Switch Connection Between Two Ports
* TTL-compatible Control Input Levels
* Packaged in Plastic Small-Outline Transistor Packages
ORDERING INFORMATION
Ordering Number
Package
Packing
U74CBT1G385G-AE5-R
SOT-23-5
Tape Reel
U74CBT1G385G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74CBT1G385G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT1G385G-AE5-R UTC-U74CBT1G385G-AE5-R Datasheet
189Kb / 5P
SINGLE FET BUS SWITCH
More results

Similar Description - U74CBT1G385G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
SINGLE FET BUS SWITCH
SN74CBT1G384 TI-SN74CBT1G384 Datasheet
53Kb / 4P
SINGLE FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
Single FET Bus Switch
logo
Texas Instruments
SN74CBT1G66 TI-SN74CBT1G66 Datasheet
84Kb / 5P
SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385 Datasheet
189Kb / 5P
SINGLE FET BUS SWITCH
U74CBT1G384 UTC-U74CBT1G384 Datasheet
171Kb / 5P
SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G125DBVR TI1-SN74CBT1G125DBVR Datasheet
851Kb / 12P
SINGLE FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125_15 Datasheet
162Kb / 7P
Single FET Bus Switch
HD74CBT1G126 RENESAS-HD74CBT1G126_15 Datasheet
156Kb / 7P
Single FET Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI1-SN74CBT1G125_16 Datasheet
818Kb / 12P
SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com