Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC2G02G-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC2G02G-SM1-R
Description  2-INPUT NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC2G02G-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC2G02G-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74HC2G02G-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74HC2G02G-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74HC2G02G-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74HC2G02G-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC2G02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-084.B
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~7
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current
IIK
±20
mA
Output Clamp Current
IOK
±20
mA
Output Current
IOUT
25
mA
VCC or GND Current
ICC
50
mA
Power dissipation
PD
300
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.0
6.0
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Times
tR ,tF
VCC=2.0V
1000
ns
VCC=4.5V
6
500
VCC=6V
400
Operating Temperature
TA
-40
25
125
°C
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
-40~85°C
-40~125°C
UNIT
MIN
TYP
MAX
MIN
MAX
High-Level Input Voltage
VIH
VCC=2.0V
1.5
1.2
1.5
V
VCC=4.5V
3.15
2.4
3.15
VCC=6.0V
4.2
3.2
4.2
Low-Level Input Voltage
VIL
VCC=2.0V
0.8
0.5
0.5
V
VCC=4.5V
2.1
1.35
1.35
VCC=6.0V
2.8
1.8
1.8
High-Level Output Voltage
VOH
VCC=2.0V, IOH=-20μA
1.9
2.0
1.9
V
VCC=4.5V, IOH=-20μA
4.4
4.5
4.4
VCC=6.0V, IOH=-20μA
5.9
6.0
5.9
VCC=4.5V, IOH=-4mA
4.13
4.32
3.7
VCC=6.0V, IOH=-5.2mA
5.63
5.81
5.2
Low-Level Output Voltage
VOL
VCC=2.0V, IOL=20μA
0
0.1
0.1
V
VCC=4.5V, IOL=20μA
0
0.1
0.1
VCC=6.0V, IOL=20μA
0
0.1
0.1
VCC=4.5V, IOH=4mA
0.15
0.33
0.4
VCC=6.0V, IOH=5.2mA
0.16
0.33
0.4
Input Leakage Current
II(LEAK)
VCC=6.0V, VIN=VCC or GND
±1
±1
μA
Quiescent Supply Current
IQ
VCC=6.0V, VIN=VCC or GND,
IOUT=0
10
20
μA
Input Capacitance
CIN
VCC=5.0V, VIN=VCC or GND
1.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com