Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC2G08-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC2G08-SM1-R
Description  2-INPUT AND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC2G08-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC2G08-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74HC2G08-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74HC2G08-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74HC2G08-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74HC2G08-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC2G08
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R126-002.B
2-INPUT AND GATE
DESCRIPTION
The U74HC2G08 is a 2-input AND gate which provides the
Function Y=A*B.
FEATURES
* Operation voltage range: 2.0~6.0V
* Low power dissipation:
ICC=10μA(Max)
* High speed:
tpd=9ns(Vcc=4.5V, CL=50pF)
MSOP-8
*Pb-free plating product number:
U74HC2G08L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
U74HC2G08-SM1-R
U74HC2G08L-SM1-R
MSOP-8
Tape Reel
U74HC2G08-SM1-T
U74HC2G08L-SM1-T
MSOP-8
Tube


Similar Part No. - U74HC2G08-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC2G08-SM1-R UTC-U74HC2G08-SM1-R Datasheet
164Kb / 5P
2-INPUT AND GATE
More results

Similar Description - U74HC2G08-SM1-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
2-input AND Gate
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com