Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC138G-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC138G-S16-R
Description  3-TO-8 LINE DECODERS DEMULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC138G-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC138G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC138G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC138G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC138G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC138G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC138G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HC138
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-614.F
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7.0
V
Input Clamp Current(VI<0 or VI>VCC)
IIK
±20
mA
Output Clamp Current(VO<0 or VO>VCC)
IOK
±20
mA
Continuous Output Current(VO=0 ~ VCC)
IO
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage
VCC
Operating
2.0
5.0
6.0
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
+85
°C
VCC=2.0V
1000
VCC=4.5V
500
Input Rise or Fall Times
tR, tF
VCC=6.0V
400
ns
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-16
67
SOP-16
73
SSOP-16
90
Junction to Ambient
TSSOP-16
θJA
108
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC=2V
1.5
V
VCC=4.5V
3.15
V
High-level input voltage
VIH
VCC=6V
4.2
V
VCC=2V
0.5
V
VCC=4.5V
1.35
V
Low-level output voltage
VIL
VCC=6V
1.8
V
VCC=2V, IOH=-20μA
1.9
1.998
V
VCC=4.5V, IOH=-20μA
4.4
4.499
V
VCC=6V, IOH=-20μA
5.9
5.999
V
VCC=4.5V, IOH=-4.0mA
3.98
4.3
V
High-Level Output Voltage
VOH
VCC=6V, IOH=-5.2mA
5.48
5.8
V
VCC=2V, IOL=20μA
0.002
0.1
V
VCC=4.5V, IOL=20μA
0.001
0.1
V
VCC=6V, IOL=20μA
0.001
0.1
V
VCC=4.5V, IOH=4mA
0.17
0.26
V
Low-Level Output Voltage
VOL
VCC=6V, IOL=5.2mA
0.15
0.26
V
Input Leakage Current
II(LEAK)
VCC=6V, VIN= VCC or GND
±0.1 ±100
nA
Quiescent Supply Current
ICC
VCC=6V, VIN=VCC or GND, IOUT=0
8
μA
Input Capacitance
CI
VCC=2~6V
3
10
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com