Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC138G-R16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC138G-R16-R
Description  3-TO-8 LINE DECODERS DEMULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC138G-R16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC138G-R16-R Datasheet HTML 1Page - Unisonic Technologies U74HC138G-R16-R Datasheet HTML 2Page - Unisonic Technologies U74HC138G-R16-R Datasheet HTML 3Page - Unisonic Technologies U74HC138G-R16-R Datasheet HTML 4Page - Unisonic Technologies U74HC138G-R16-R Datasheet HTML 5Page - Unisonic Technologies U74HC138G-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74HC138
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-614.F
SWITCHING CHARACTERISTICS (TA=25°C, CL=50pF, see Test Circuit and Waveforms)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC =2.0V
67
180
ns
VCC =4.5V
18
36
ns
Propagation delay from input
(An) to output(
Yn )
tPLH/tPHL
VCC =6.0V
15
31
ns
VCC =2.0V
66
155
ns
VCC =4.5V
18
31
ns
Propagation delay from input
(E3) to output(
Yn )
tPLH/tPHL
VCC =6.0V
15
26
ns
VCC =2.0V
66
155
ns
VCC =4.5V
18
31
ns
Propagation delay from input
(
En ) to output( Yn )
tPLH/tPHL
VCC =6.0V
15
26
ns
VCC =2.0V
38
75
ns
VCC =4.5V
8
15
ns
Output Transition Time
tTLH/tTHL
VCC =6.0V
6
13
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance
CPD
No Load
85
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com