Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC157L-P16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC157L-P16-R
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC157L-P16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC157L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC157L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC157L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC157L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC157L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC157L-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74HC157
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-812.A
ABSOLUTE MAXIMUM RATING (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range
VCC
-0.5~7
V
Input Clamp Current (VIN<0)
IIK
±20
mA
Output Clamp Current (VOUT<0, or VOUT>VCC)
IOK
±20
mA
Output Current
IOUT
±35
mA
VCC or GND Current
ICC
±70
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
2
5
6
V
High-Level Input Voltage
VIH
VCC=2V
1.5
V
VCC=4.5V
3.15
VCC=6V
4.2
Low-Level Input Voltage
VIL
VCC=2V
0.5
V
VCC=4.5V
1.35
VCC=6V
1.8
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
Δt/Δv
VCC=2V
1000
ns/V
VCC=4.5V
500
VCC=6V
400
Operating Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High-Level Output Voltage
VOH
IOH=-20 μA, VCC=2V
1.9 1.998
V
IOH=-20 μA, VCC=4.5V
4.4 4.499
IOH=-20 μA, VCC=6V
5.9 5.999
IOH=-6 mA, VCC=4.5V
3.98
4.3
IOH=-7.8 mA, VCC=6V
5.48
5.8
Low-Level Output Voltage
VOL
IOH=20 μA, VCC=2V
0.002 0.1
V
IOH=20 μA, VCC=4.5V
0.001 0.1
IOH=20 μA, VCC=6V
0.001 0.1
IOH=6 mA, VCC=4.5V
0.17 0.26
IOH=7.8 mA, VCC=6V
0.15 0.26
Input Leakage Current
II(LEAK)
VIN=VCC or GND, VCC=6V
±0.1 ±100 nA
Quiescent Supply Current
ICC
VIN=VCC or GND, IOUT=0, VCC=6V
8
μA
Input Capacitance
CIN
VCC=6V
3
10
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com