Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4094L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC4094L-S16-R
Description  8-STAGE SHIFT & STORE BUS REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4094L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC4094L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4094L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC4094
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-645.B
8-STAGE SHIFT & STORE BUS
REGISTER
DESCRIPTION
The U74HC4094 consists of an 8-stage shift register and an
8-stage D-type latch with 3-stage parallel outputs. Data is shifted
serially through the shift register on the positive-going clock
transition of the input singal. The output of the last stage QS1 can
be used to cascade several devices.
The output of QS1 is transferred to a second output(QS2)
on the following negative-going clock transition of the input singal.
The data of each stage of the shift register is provided with a latch
whose data on the negative going transition of the Strobe input
signal. When the strobe input is held high, data propagates
through the latch to a 3-state output buffer.
The buffer is enabled when Output Enable input is taken
high.
FEATURES
* Operate from 2.0V to 6.0V
* Low Power Dissipation ICC=4μA(Max)
* High Noise Immunity Characteristic of CMOS Devices
SOP-16
TSSOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC4094L-S16-R
U74HC4094G-S16-R
SOP-16
Tape Reel
U74HC4094L-P16-R
U74HC4094G-P16-R
TSSOP-16
Tape Reel
U74HC4094L-P16-T
U74HC4094G-P16-T
TSSOP-16
Tube


Similar Part No. - U74HC4094L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4094L-S16-R UTC-U74HC4094L-S16-R Datasheet
236Kb / 6P
8-STAGE SHIFT & STORE BUS REGISTER
More results

Similar Description - U74HC4094L-S16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
8-STAGE SHIFT-AND-STORE BUS REGISTER
Jun-1989
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Unisonic Technologies
U74HCT4094 UTC-U74HCT4094 Datasheet
220Kb / 6P
8-STAGE SHIFT&STORE BUS REGISTER
logo
NXP Semiconductors
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
8-STAGE SHIFT & STORE BUS REGISTER
U74HCT4094 UTC-U74HCT4094_15 Datasheet
220Kb / 6P
8-STAGE SHIFT&STORE BUS REGISTER
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com