Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT138L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT138L-S16-R
Description  3-TO-8 LINE DECODERS DEMULTIPLEXERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT138L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT138L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT138L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT138L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT138L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT138L-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HCT138
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-642.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7.0
V
Input Clamp Current(VI<0 or VI>VCC)
IIK
±20
mA
Output Clamp Current(VO<0 or VO>VCC)
IOK
±20
mA
Continuous Output Current(VO=0 to VCC)
IO
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ + 150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
Operating
4.5
5.0
5.5
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
+85
°C
Input Rise or Fall Times
tR, tF
VCC=4.5V~5.5V
500
ns
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-16
θJA
73
°C/W
TSSOP-16
108
ELECTRICAL CHARACTERISTICS(TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High-Level input voltage
VIH
VCC=4.5V~5.5V
2.0
V
Low-Lever output voltage
VIL
VCC=4.5V~5.5V
0.8
V
High-Level Output Voltage
VOH
VCC=4.5V, IOH=-20μA
4.4 4.499
V
VCC=4.5V, IOH=-4mA
3.98
4.3
V
Low-Level Output Voltage
VOL
VCC=4.5V, IOL=20μA
0.001 0.1
V
VCC=4.5V, IOL=4mA
0.17 0.26
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN= VCC or GND
±0.1 ±100
nA
Quiescent Supply Current
ICC
VCC=5.5V, VIN=VCC or GND, IOUT=0
8
μA
Additional Quiescent Supply Current
△
ICC
One input at 0.5V or 2.4V,other
inputs at 0 or Vcc
1.4
2.4
mA
Input Capacitance
CI
VCC=4.5V~5.5V
3
10
pF
SWITCHING CHARACTERISTICS(TA=25°C, see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from input
(An) to output(
Yn )
tPLH/tPHL
VCC =4.5V, CL=50pF
23
36
ns
VCC =5.5V, CL=50pF
17
32
ns
Propagation delay from input
(
En ) to output( Yn )
tPLH/tPHL
VCC =4.5V, CL=50pF
22
33
ns
VCC =5.5V, CL=50pF
18
30
ns
Output Transition Time
tTLH/tTHL
VCC =4.5V, CL=50pF
12
15
ns
VCC =5.5V, CL=50pF
11
14
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load
85
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com