Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT125L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT125L-P14-R
Description  QUADRUPLE BUS BUFFER GATES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT125L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT125L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HCT125L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HCT125L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HCT125L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HCT125L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74HCT125L-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT125
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-700.B
QUADRUPLE BUS BUFFER
GATES WITH 3-STATE OUTPUTS
DESCRIPTION
The U74HCT125 is a quadruple bus buffer gates with 3-state
output. When OE is high, the Y outputs are in a high-impedance
state. When OE is low, the device passes noninverted data from the
A input to the Y output.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* TTL-Voltage Compatible
* Max tPD of 12 ns from A to Y at 5.5 V, CL = 50 pF
* Low power consumption, ICC = 8μA (Max) at 5.5V
* ±6mA output driver at 5V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HCT125L-S14-T
U74HCT125G-S14-T
SOP-14
Tube
U74HCT125L-S14-R
U74HCT125G-S14-R
SOP-14
Tape Reel
U74HCT125L-P14-T
U74HCT125G-P14-T
TSSOP-14
Tube
U74HCT125L-P14-R
U74HCT125G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74HCT125L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT125L-P14-R UTC-U74HCT125L-P14-R Datasheet
185Kb / 6P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - U74HCT125L-P14-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
Quadruple Bus Buffer Gates
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
QUADRUPLE BUS BUFFER GATES
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
QUADRUPLE BUS BUFFER GATES
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
QUADRUPLE BUS BUFFER GATES
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54HC125 TI1-SN54HC125_15 Datasheet
1Mb / 28P
Quadruple Bus Buffer Gates
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
Quadruple Bus Buffer Gates
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com