Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC3G04G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC3G04G-P08-R
Description  INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC3G04G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC3G04G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHC3G04G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHC3G04G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHC3G04G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHC3G04G-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC3G04
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-544.B
SWITCHING CHARACTERISTICS (tR = tF ≤ 3.0 ns, TA = 25°C)
PARAMETER
SYMBOL
CL (pF)
VCC (V)
MIN
TYP
MAX UNIT
Propagation delay from input (A) to output(Y)
tPLH
tPHL
15
3.0 to 3.6
7.1
ns
3.3
4.3
4.5 to 5.5
5.5
5
3.1
50
3.0 to 3.6
10.6
ns
3.3
6.1
4.5 to 5.5
7.5
5
4.5
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com